Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 12Page - Texas Instruments TAS5630B Datasheet HTML 13Page - Texas Instruments TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments TAS5630B Datasheet HTML 18Page - Texas Instruments TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
2-CHANNEL
H-BRIDGE
BTL MODE
Output
H-Bridge 2
Hardwire
Over-
Current
Limit
PVDD
Power Supply
Decoupling
GVDD, VDD,
DVDD &
AVDD
Power Supply
Decoupling
SYSTEM
Power
Supplies
PVDD
GVDD (12V)/VDD (12V)
GND
36V
12V
GND
VAC
Bootstrap
Capacitors
BST_C
BST_D
2
nd Order
L-C Output
Filter for
each
H-Bridge
OUT_C
OUT_D
Bootstrap
Capacitors
BST_A
BST_B
INPUT_A
2
nd Order
L-C Output
Filter for
each
H-Bridge
OUT_A
OUT_B
Output
H-Bridge 1
Input
H-Bridge 1
INPUT_B
M2
M1
Hardwire
Mode
Control
Input
H-Bridge 2
INPUT_C
INPUT_D
Capacitor for
External
Filtering
&
Startup/Stop
System
microcontroller or
Analog circuitry
*NOTE1: Logic AND in or outside microcontroller
OSC_IOP
OSC_IOM
Oscillator
Synchronization
Input DC
Blocking
Caps
Input DC
Blocking
Caps
ANALOG_IN_A
ANALOG_IN_B
ANALOG_IN_C
ANALOG_IN_D
FREQ_ADJ
Hardwire PWM
Frame Adjust
& Master/Slave
Mode
16
TPA3251
SLASE40D – MAY 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA3251
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 22. System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com