Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 1 Page - Texas Instruments

  TAS5630B Datasheet HTML 1Page - Texas Instruments TAS5630B Datasheet HTML 2Page - Texas Instruments TAS5630B Datasheet HTML 3Page - Texas Instruments TAS5630B Datasheet HTML 4Page - Texas Instruments TAS5630B Datasheet HTML 5Page - Texas Instruments TAS5630B Datasheet HTML 6Page - Texas Instruments TAS5630B Datasheet HTML 7Page - Texas Instruments TAS5630B Datasheet HTML 8Page - Texas Instruments TAS5630B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Po - Output Power - W
0.001
0.01
0.1
1
10
10m
100m
1
10
100 200
D000
TC = 75qC
4:
Power Supply
110VAC->240VAC
TAS5630
36V
TPA3251
Audio
Source
And Control
RIGHT
LEFT
LC
Filter
LC
Filter
/RESET
/FAULT
M1:M2
FREQ_ADJ
OSC_IO
/CLIP_OTW
Operation Mode Select
Switching Frequency Select
12V
Master/Slave Synchronization
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA3251
SLASE40D – MAY 2015 – REVISED APRIL 2016
TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input
Class-D Amplifier
1
1 Features
1
•
Differential Analog Inputs
•
Total Output Power at 10%THD+N
–
175-W Stereo into 4
Ω in BTL Configuration
–
220-W Stereo into 3
Ω in BTL Configuration
–
350-W Mono into 2
Ω in PBTL Configuration
•
Total Output Power at 1%THD+N
–
140-W Stereo into 4
Ω in BTL Configuration
–
175-W Stereo into 3
Ω in BTL Configuration
–
285-W Mono into 2
Ω in PBTL Configuration
•
Advanced Integrated Feedback Design with High-
speed Gate Driver Error Correction
(PurePath™ Ultra-HD)
–
Signal Bandwidth up to 100 kHz for High
Frequency Content From HD Sources
–
Ultra Low 0.005% THD+N at 1 W into 4
Ω and
<0.01% THD+N to Clipping
–
60 dB PSRR (BTL, No Input Signal)
–
<60 µV (A-Weighted) Output Noise
–
>111 dB (A Weighted) SNR
•
Multiple Configurations Possible:
–
Stereo, Mono, 2.1 and 4xSE
•
Click and Pop Free Startup and Stop
•
90% Efficient Class-D Operation (4
Ω)
•
Wide 12-V to 36-V Supply Voltage Operation
•
Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short Circuit
Protection) With Error Reporting
•
EMI Compliant When Used With Recommended
System Design
2 Applications
•
Blu-ray Disk™ / DVD Receivers
•
High End HTiB Systems
•
AV Receivers
•
High End Soundbar
•
Mini Combo Systems
•
Active Speakers and Subwoofers
3 Description
TPA3251 is a high performance class-D power
amplifier that enables true premium sound quality
with class-D efficiency. It features an advanced
integrated feedback design and proprietary high-
speed gate driver error correction (PurePath™ Ultra-
HD). This technology allows ultra low distortion
across the audio band and superior audio quality.
The device can drive up to 2 x 175 W into 4-
Ω load
and 2 x 220 W into 3-
Ω load and features a 2 VRMS
analog input interface that works seamlessly with high
performance DACs such as TI's PCM5242. In
addition to excellent audio performance, TPA3251
achieves both high power efficiency and very low
power stage idle losses below 1 W. This is achieved
through the use of 60 m
Ω MOSFETs and an
optimized
gate
driver
scheme
that
achieves
significantly lower idle losses than typical discrete
implementations.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3251
HTSSOP (44)
6.10mm x 14.00mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Total Harmonic Distortion


Similar Part No. - TAS5630B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
3Mb / 39P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B Datasheet
2Mb / 38P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI-TAS5630B Datasheet
2Mb / 38P
TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
More results

Similar Description - TAS5630B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TAS3251 TI1-TAS3251 Datasheet
1Mb / 123P
175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS3251 TI-TAS3251_V01 Datasheet
2Mb / 122P
TAS3251 175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com