Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 2 Page - Texas Instruments

  TAS5630B Datasheet HTML 1Page - Texas Instruments TAS5630B Datasheet HTML 2Page - Texas Instruments TAS5630B Datasheet HTML 3Page - Texas Instruments TAS5630B Datasheet HTML 4Page - Texas Instruments TAS5630B Datasheet HTML 5Page - Texas Instruments TAS5630B Datasheet HTML 6Page - Texas Instruments TAS5630B Datasheet HTML 7Page - Texas Instruments TAS5630B Datasheet HTML 8Page - Texas Instruments TAS5630B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
TPA3251
SLASE40D – MAY 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA3251
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 7
7.6
Audio Characteristics (BTL) ...................................... 8
7.7
Audio Characteristics (SE) ....................................... 9
7.8
Audio Characteristics (PBTL) ................................... 9
7.9
Typical Characteristics, BTL Configuration............. 10
7.10
Typical Characteristics, SE Configuration............. 12
7.11
Typical Characteristics, PBTL Configuration ........ 13
8
Parameter Measurement Information ................ 14
9
Detailed Description ............................................ 14
9.1
Overview ................................................................. 14
9.2
Functional Block Diagrams ..................................... 15
9.3
Feature Description................................................. 17
9.4
Device Protection System ....................................... 17
10
Application and Implementation........................ 21
10.1
Application Information.......................................... 21
10.2
Typical Applications .............................................. 21
11
Power Supply Recommendations ..................... 27
11.1
Power Supplies ..................................................... 27
11.2
Powering Up.......................................................... 28
11.3
Powering Down ..................................................... 29
12
Layout................................................................... 29
12.1
Layout Guidelines ................................................. 29
12.2
Layout Examples................................................... 30
13
Device and Documentation Support ................. 33
13.1
Documentation Support ........................................ 33
13.2
Community Resources.......................................... 33
13.3
Trademarks ........................................................... 33
13.4
Electrostatic Discharge Caution ............................ 33
13.5
Glossary ................................................................ 33
14
Mechanical, Packaging, and Orderable
Information ........................................................... 33
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (June 2015) to Revision D
Page
•
Changed the datasheet device number From: TPA3251D2 To TPA3251 ............................................................................ 1
Changes from Revision B (June 2015) to Revision C
Page
•
Changed from a one page Product Preview to the full datasheet.......................................................................................... 1
Changes from Revision A (June 2015) to Revision B
Page
•
Changed Features list item From: 80 dB PSRR (BTL, No Input Signal) To: 60 dB PSRR (BTL, No Input Signal ................ 1
•
Changed Features list item From: >112 dB (A Weighted) SNR To: >111 dB (A Weighted) SNR ......................................... 1
Changes from Original (May 2015) to Revision A
Page
•
Changed the Features list for Total Output Power at 1%THD+N .......................................................................................... 1
•
Changed the Features list item Advanced Integrated Feedback Design... ............................................................................ 1
•
Changed the Features list item From: <65 µV (A-Weighted) Output Noise To: <60 µV (A-Weighted) Output Noise ........... 1
•
Changed the Features list for Multiple Configurations Possible:............................................................................................ 1
•
Changed the Description ....................................................................................................................................................... 1
•
Added the Simplified Schematic ............................................................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com