Electronic Components Datasheet Search
  English  ▼

X  

ADPL21504 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL21504
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21504 Datasheet(HTML) 3 Page - Analog Devices

  ADPL21504 Datasheet HTML 1Page - Analog Devices ADPL21504 Datasheet HTML 2Page - Analog Devices ADPL21504 Datasheet HTML 3Page - Analog Devices ADPL21504 Datasheet HTML 4Page - Analog Devices ADPL21504 Datasheet HTML 5Page - Analog Devices ADPL21504 Datasheet HTML 6Page - Analog Devices ADPL21504 Datasheet HTML 7Page - Analog Devices ADPL21504 Datasheet HTML 8Page - Analog Devices ADPL21504 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADPL21504
analog.com
Rev. 0
3 of 16
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C. VIN = 1.2V, V
SHDN = 1.2V unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP MAX UNITS
Minimum Input
Voltage
VINMIN
1.2
V
Quiescent Current
IQ
Not Switching
20
35
µA
V
SHDN = 0V
2
µA
FB Comparator Trip
Point
VFB_TRIP
-40°C ≤ TJ ≤
85°C
1.205 1.23 1.255
V
FB Comparator
Hysteresis
VFB_HYS
8
mV
Output Voltage Line
Regulation
1.2V < VIN < 12V
0.06
0.12
%/V
FB Pin Bias Current1
IFB_BIAS
VFB = 1.23V
-40°C ≤ TJ ≤
85°C
50
100
nA
Switch Off Time
tOFF
VFB > 1V
400
ns
VFB < 0.6V
1.5
µs
Switch VCESAT
VSW_CESAT
ISW = 300mA
270
375
mV
Switch Current
Limit
ILIM
300
350
400
mA
SHDN
Pin Current
ISHDN
V
SHDN = 1.2V
2
4
µA
V
SHDN = 5V
8
15
µA
SHDN
Input
Voltage High
VSHDN_HIGH
0.9
V
SHDN
Input
Voltage Low
VSHDN_LOW
0.25
V
Switch Leakage
Current
ISW_LKG
Switch Off, VSW = 5V
0.02
6
µA
1
Bias current flows into the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com