Electronic Components Datasheet Search
  English  ▼

X  

ADPL21504 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL21504
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21504 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL21504 Datasheet HTML 3Page - Analog Devices ADPL21504 Datasheet HTML 4Page - Analog Devices ADPL21504 Datasheet HTML 5Page - Analog Devices ADPL21504 Datasheet HTML 6Page - Analog Devices ADPL21504 Datasheet HTML 7Page - Analog Devices ADPL21504 Datasheet HTML 8Page - Analog Devices ADPL21504 Datasheet HTML 9Page - Analog Devices ADPL21504 Datasheet HTML 10Page - Analog Devices ADPL21504 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADPL21504
analog.com
Rev. 0
7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, VIN = 1.2V, VSHDN = 1.2V, unless otherwise noted.)
Figure 5. Efficiency vs. Output Current
(See Figure 1, Typical Application Circuit)
Figure 6. Output Voltage vs. Output Current
(See Figure 1, Typical Application Circuit)
Figure 7. Feedback Pin Voltage and Bias Current
Figure 8. Quiescent Current
Figure 9. Switch-off Time
Figure 10. Switch Current Limit
LOAD CURRENT (mA)
0.1
0.3
1
3
10
30
90
80
70
60
50
40
30
20
10
0
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V
LOAD CURRENT (mA)
0.1
0.3
1
3
10
30
20.80
20.64
20.49
20.33
20.02
20.18
19.87
19.71
19.56
19.40
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V
VOLTAGE
TEMPERATURE (°C)
–50
1.20
1.21
1.22
1.23
1.24
1.25
50
40
30
20
10
0
–25
0
25
50
75
100
CURRENT
TEMPERATURE (°C)
25
23
21
19
17
15
–50
–25
0
25
50
75
100
VFB = 1.23V
NOT SWITCHING
VIN = 1.2V
VIN = 12V
TEMPERATURE (°C)
550
500
450
400
350
300
250
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V
TEMPERATURE (°C)
400
350
300
250
200
150
100
0
50
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com