Electronic Components Datasheet Search
  English  ▼

X  

ADPL21504 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL21504
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21504 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL21504 Datasheet HTML 8Page - Analog Devices ADPL21504 Datasheet HTML 9Page - Analog Devices ADPL21504 Datasheet HTML 10Page - Analog Devices ADPL21504 Datasheet HTML 11Page - Analog Devices ADPL21504 Datasheet HTML 12Page - Analog Devices ADPL21504 Datasheet HTML 13Page - Analog Devices ADPL21504 Datasheet HTML 14Page - Analog Devices ADPL21504 Datasheet HTML 15Page - Analog Devices ADPL21504 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADPL21504
analog.com
Rev. 0
13 of 16
Figure 20. ±20V Dual Output Converter with Output Disconnect
4.7pF
VIN
SW
FB
ADPL21504
1.5V TO 5V
L1
10µH
D4
D1
SHDN
130kΩ
2MΩ
C2
1µF
C5
1µF
20V, 4mA
–20V, 4mA
GND
C1
4.7µF
C3
1µF
C4
1µF
D3
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com