Electronic Components Datasheet Search
  English  ▼

X  

ADPL21504 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL21504
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21504 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL21504 Datasheet HTML 5Page - Analog Devices ADPL21504 Datasheet HTML 6Page - Analog Devices ADPL21504 Datasheet HTML 7Page - Analog Devices ADPL21504 Datasheet HTML 8Page - Analog Devices ADPL21504 Datasheet HTML 9Page - Analog Devices ADPL21504 Datasheet HTML 10Page - Analog Devices ADPL21504 Datasheet HTML 11Page - Analog Devices ADPL21504 Datasheet HTML 12Page - Analog Devices ADPL21504 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADPL21504
analog.com
Rev. 0
9 of 16
THEORY OF OPERATION
The ADPL21504 uses a constant off-time control scheme to provide high efficiencies over a wide range of output
currents. Figure 4 (Block Diagram) provides the best understanding of the operation. Q1 and Q2, along with R3 and
R4, form a bandgap reference used to regulate the output voltage. When the voltage at the FB pin is slightly above
1.23V, comparator A1 disables most of the internal circuitry. The Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the FB pin drops below the lower hysteresis point of A1 (typical hysteresis
at the FB pin is 8mV).
A1 then enables the internal circuitry, turns on power switch Q3, and the current in inductor L1 begins ramping up.
Once the switch current reaches 350mA, comparator A2 resets the one shot, which turns off Q3 for 400ns. L1 then
delivers current to the output through diode D1 as the inductor current ramps down. Q3 turns on again, and the
inductor current ramps back up to 350mA, then A2 resets the one shot, again allowing L1 to deliver current to the
output. This switching action continues until the output voltage is charged up (until the FB pin reaches 1.23V), and
then A1 turns off the internal circuitry, and the cycle repeats. The ADPL21504 contains additional circuitry to provide
protection during start-up and under short-circuit conditions. When the FB pin voltage is less than approximately
600mV, the switch off-time is increased to 1.5µs, and the current limit is reduced to around 250mA (70% of its normal
value). This reduces the average inductor current and helps minimize the power dissipation in the ADPL21504 power
switch and in the external inductor and diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com