Electronic Components Datasheet Search
  English  ▼

X  

ADPL21504 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL21504
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21504 Datasheet(HTML) 4 Page - Analog Devices

  ADPL21504 Datasheet HTML 1Page - Analog Devices ADPL21504 Datasheet HTML 2Page - Analog Devices ADPL21504 Datasheet HTML 3Page - Analog Devices ADPL21504 Datasheet HTML 4Page - Analog Devices ADPL21504 Datasheet HTML 5Page - Analog Devices ADPL21504 Datasheet HTML 6Page - Analog Devices ADPL21504 Datasheet HTML 7Page - Analog Devices ADPL21504 Datasheet HTML 8Page - Analog Devices ADPL21504 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
ADPL21504
analog.com
Rev. 0
4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VIN, SHDN Voltage
15V
SW Voltage
32V
FB Voltage
VIN
Current into the FB Pin
1mA
Junction Temperature
125°C
Operating Temperature Range2
–40°C to 85°C
Storage Temperature Range
–65°C to 150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com