Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 3Page - Analog Devices LTC7821 Datasheet HTML 4Page - Analog Devices LTC7821 Datasheet HTML 5Page - Analog Devices LTC7821 Datasheet HTML 6Page - Analog Devices LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices LTC7821 Datasheet HTML 10Page - Analog Devices LTC7821 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
LT7826
analog.com
Rev. 0
7 of 19
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
RUN
Digital control input with internal 0.55A pull-up current. Forcing the RUN pin voltage
below 1.155V shuts down the circuit. When the RUN pin voltage exceeds 1.2V, internal
circuitry starts up, including a low-dropout regulator for INTVCC.
2
MODE
Logic input signal with internal 1.6M pull-low resistance. MODE pin voltage higher
than 1.2V enables the switched capacitor operation. MODE voltage lower than 1V
activates standby mode, which is similar to shutdown mode but with INTVCC voltage
ready at 4V.
The MODE pin can also be utilized for synchronization. Applying an external clock
signal with a frequency higher than 100kHz and an amplitude larger than 2.6V would
cause the switching frequency to synchronize to this clock with inverted phase, i.e., the
SWL waveform would be antiphase to the clock at the MODE pin.
3
FAULT
Open drain output for fault indication. FAULT is pulled to SGND when the VLOW
voltage is out of the window of ± 320mV, around half of VHIGH voltage, or during other
fault conditions, including UVLO and over temperature.
4
INTVCC
Output of the internal linear low dropout regulator. The internal control and driver
circuits are powered by this voltage source. Must be decoupled to power ground with a
minimum of 1µF ceramic or other low Equivalent series resistance (ESR) capacitor. Do
not use the INTVCC pin to supply power to any other IC.
5
SGND
Signal Ground. All small-signal components should connect to this ground. Connect
this pin with PGND pins on the PCB.
6, 15
BSTL, BSTH
Bootstrapped Supplies to the floating drivers. Bootstrapped capacitors are connected
from BSTL to SWL, and from BSTH to SWH.
7, 8
PGND
Power Ground.
9
SWL
Low-side switching node. Connected to one terminal of flying capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com