Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 11Page - Analog Devices LTC7821 Datasheet HTML 12Page - Analog Devices LTC7821 Datasheet HTML 13Page - Analog Devices LTC7821 Datasheet HTML 14Page - Analog Devices LTC7821 Datasheet HTML 15Page - Analog Devices LTC7821 Datasheet HTML 16Page - Analog Devices LTC7821 Datasheet HTML 17Page - Analog Devices LTC7821 Datasheet HTML 18Page - Analog Devices LTC7821 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
LT7826
analog.com
Rev. 0
16 of 19
Figure 15. High-Efficiency 7.4V (VIN) to 3.7V (VOUT), 16A Voltage Divider with Interleave Operation
RUN
MODE
FAULT
SGND
SWH
INTVCC
PGND
LT7826
VHIGH
BSTH
SWL
BSTL
FLV
VLOW
VIN
0.1µF
0.1µF
0.1µF
CFLY
4.7µF
×10
4.7µF
×5
4.7µF
RUN
MODE
FAULT
SGND
SWH
INTVCC
PGND
LT7826
VHIGH
BSTH
SWL
BSTL
FLV
VLOW
0.1µF
0.1µF
0.1µF
CFLY
4.7µF
×10
4.7µF
×5
4.7µF
VOUT = VIN/2
RUN
CONTROL
FAULTA
FAULTB
FAULTA
FAULTB
SYSTEM FAULT FLAG
SYSTEM VOLTAGE
OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com