Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices LTC7821 Datasheet HTML 10Page - Analog Devices LTC7821 Datasheet HTML 11Page - Analog Devices LTC7821 Datasheet HTML 12Page - Analog Devices LTC7821 Datasheet HTML 13Page - Analog Devices LTC7821 Datasheet HTML 14Page - Analog Devices LTC7821 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
LT7826
analog.com
Rev. 0
11 of 19
BLOCK DIAGRAM
Figure 12. LT7826 Block Diagram
THEORY OF OPERATION
The LT7826 is a constant-frequency, open-loop switched capacitor/charge pump converter for high-power and high-
voltage applications. In steady-state operation, the internal switches are turned on and off to force the flying
capacitor between SWH and SWL, either parallel or serial, with the capacitor at VLOW. When the flying capacitor and
VLOW
capacitor are paralleled, the voltages on these capacitors are the same. When the flying capacitor and VLOW
capacitor are serial to VHIGH, the voltage on the flying capacitor plus the voltage on the VLOW capacitor equals the
voltage on VHIGH. With this switched cap operation, the VLOW pin voltage remains close to half of the VHIGH voltage
in the steady state, and it is not sensitive to variable loads due to very low output impedance at a high switching
frequency. The LT7826 does not regulate the output voltage with a closed-loop feedback system. However, it stops
switching when fault conditions occur, such as a VLOW pin shorted to GND, an overcurrent event, and
overtemperature protection.
Start-Up and Shutdown (RUN)
The LT7826 is in shutdown mode when the RUN pin is pulled down. In shutdown mode, most internal circuits are
turned off, including the INTVCC regulator, and the entire LT7826 consumes less than 4µA current. Releasing the RUN
pin allows an internal 0.55µA current to pull up this pin and enable the INTVCC regulator when the RUN pin voltage
exceeds 1.2V. Alternately, the RUN pin can be externally pulled up or driven directly by a logic. Do not exceed the
absolute maximum rating of 6V on this pin.
INTVCC Power and UVLO
INTVCC is generated by an internal low dropout (LDO) and regulated to 4V for internal and gate-drive circuitry. It is
powered from VLOW when VVLOW is higher than 3.8V; otherwise, it is powered from VHIGH. When VINTVCC rises above its
UVLO threshold of 3.45V, LT7826 is ready for switching operation. When VINTVCC decreases below 3.15V, LT7826 stops
switching. A ceramic or other low-ESR capacitor with a capacitance of 1µF or up should be connected between
INTVCC and the ground, and placed close to these pins.
G1
G2
G3
G4
GFLT
1.6MΩ
550nA
RUN
MODE
FAULT
SGND
SWH
INTVCC
PGND
LT7826
VHIGH
BSTH
SWL
BSTL
FLV
VLOW
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com