Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 1 Page - Analog Devices

  LTC7821 Datasheet HTML 1Page - Analog Devices LTC7821 Datasheet HTML 2Page - Analog Devices LTC7821 Datasheet HTML 3Page - Analog Devices LTC7821 Datasheet HTML 4Page - Analog Devices LTC7821 Datasheet HTML 5Page - Analog Devices LTC7821 Datasheet HTML 6Page - Analog Devices LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
LT7826
Fully Integrated 17V/8A Switched Capacitor 2:1 Converter
Configurable as a Voltage Divider, Doubler, or Inverter
Rev. 0
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
TECHNICAL SUPPORT
©202
5 Analog Devices, Inc. All rights reserved.
FEATURES
Wide VHIGH/VLOW Voltage Range from 0V/0V to
17V/8.5V with a Startup Voltage of 3.45V
Maximum Output Current 8A as a Voltage Divider
Low Quiescent Current of 4µA at Shutdown
Over 97% Peak Efficiency
Standalone Voltage Divider (2:1), Doubler (1:2),
Inverter (1:-1) Conversion
Soft Startup into Steady-State Operation
Inrush Current Limit and Overcurrent Protection
Parallel Operation for Higher Output Power
Integrated Bootstrap Diodes
Available in a 3mm x 3mm LFCSP Package
APPLICATIONS
Battery System Applications
Portable Consumer Electronics
Industrial Applications
GENERAL DESCRIPTION
The LT®7826 is a fully integrated monolithic DC-to-DC
converter. It achieves very high efficiency with a
switched capacitor architecture in applications with an
input-to-output voltage ratio of 2:1 (divider), 1:2
(doubler), or 1:1 (inverter). The LT7826 can handle a
maximum voltage of 17V and provide a maximum
output current of 8A, with fault protection. It features
integrated bootstrap diodes and provides a compact
and cost-effective solution for battery applications
requiring current limit protection. The LT7826 operates
at a fixed 500kHz switching frequency, while
synchronization is available through the MODE pin for
frequency tuning and interleave operation. The part is
available in a 3mm x 3mm LFCSP package.
TYPICAL APPLICATION
Figure 1. High-Efficiency 2:1 Voltage Divider
Figure 2. Efficiency vs. Load Current
2:1 Voltage Divider
RUN
MODE
FAULT
SGND
SWH
INTVCC
PGND
LT7826
VHIGH
BSTH
SWL
BSTL
FLV
VLOW
VOUT = VIN/2
G1
G2
G3
G4
0.1µF
4.7µF
CFLY
10µF
x10
VIN
0.1µF
0.1µF
10µF
×10
VVHIGH = 15V
VVHIGH = 7.4V
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
90
91
92
93
94
95
96
97
98
99
100


Similar Part No. - LTC7821

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7821 LINER-LTC7821 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LTC7821 AD-LTC7821 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC7821 AD-LTC7821 Datasheet
1Mb / 19P
Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
More results

Similar Description - LTC7821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Analog Devices
ADP3610 AD-ADP3610 Datasheet
200Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV.A
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
Switched-Capacitor Voltage Inverter
June 2000
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com