Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices LTC7821 Datasheet HTML 10Page - Analog Devices LTC7821 Datasheet HTML 11Page - Analog Devices LTC7821 Datasheet HTML 12Page - Analog Devices LTC7821 Datasheet HTML 13Page - Analog Devices LTC7821 Datasheet HTML 14Page - Analog Devices LTC7821 Datasheet HTML 15Page - Analog Devices LTC7821 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
LT7826
analog.com
Rev. 0
12 of 19
MODE Pin and Standby Mode
With RUN pin voltage above 1.2V and INTVCC voltage above its UVLO threshold, LT7826 is ready for switching.
However, switching will not start until the MODE pin voltage is higher than 1.2V. The MODE pin is pulled low with an
internal 1.6MΩ resistor, which makes LT7826 default to not switching (standby) after power up. Connect the MODE
pin to INTVCC or VHIGH to enable the LT7826 switching operation after power-up. The MODE pin can handle a
maximum voltage of 12V.
The MODE pin can also be used for synchronization. It responds to a clock signal with a frequency between 100kHz
and 1MHz and an amplitude higher than 2.6V, which will be adopted as the switching frequency for full power
operation. Phase inverting is also included in the design, causing SWL to run antiphase to the clock at the MODE pin.
With this synchronization and phase inversion, interleave operation can be achieved when multiple LT7826s are
connected in parallel.
Pre-balance
With RUN pin voltage above 1.2V, INTVCC voltage above its UVLO threshold, and MODE pin voltage above 1.2V, the
LT7826 starts up and monitors the VHIGH and VLOW voltage continuously. To avoid surge current through the circuit,
LT7826 enters a pre-balance mode if VVLOW is lower than VVHIGH/2 – 265mV or higher than VVHIGH/2 + 265mV. In pre-
balance mode, the maximum internal power FET current is 485mA, and the switching frequency is 250kHz. When
VVLOW is within the window of VVHIGH/2 ± 265mV, LT7826 exits pre-balance mode and starts full power switching.
A function of enable/disable cycling over switching is included in the pre-balance mode operation in LT7826. With
this function, the pre-balance switching continues for 16.4ms to charge up the flying and output capacitors. If VVLOW
is still not close enough to VVHIGH/2 to activate full-power switching, LT7826 pauses switching for 49.1ms until its next
switching enabled interval. This enables/disables cycling to continue as long as needed, averting over temperature
if the flying or output capacitors are large, or if power pins are shorted to ground.
Over Current Protection
During steady-state operation, VLOW voltage drops linearly as load current increases. The overcurrent protection is
implemented by monitoring the voltage difference between VVLOW and VVHIGH/2. When the difference exceeds 320mV,
the LT7826 exits full power switching and reduces the maximum power Field-effect transistor (FET) current to 485mA.
When overcurrent condition is removed and VVLOW returns to within the window of VVHIGH ± 265mV, LT7826 enters full
power switching again. The function of enable/disable cycling over switching is also applied during overcurrent
condition, as shown by the waveforms in Figure 11.
FAULT Pin and Fault Response
The ������������������������������ pin is used for fault indication in LT7826, and is implemented with an open-drain structure. When LT7826
enters full power switching, the FAULT pin is released and may be pulled up externally to indicate the readiness of
output. The FAULT pin would be pulled low in other situations, such as pre-balance mode, overcurrent, or
overtemperature conditions. The overtemperature threshold in LT7826 is 175°C, above which all the switching stops.
The die temperature must be lower than 165°C to re-start switching in LT7826.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com