Electronic Components Datasheet Search
  English  ▼

X  

1790749 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1790749
Description  VAL-US-SPP-120/50/30-R - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790749 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1790749 Datasheet HTML 1Page - PHOENIX CONTACT 1790749 Datasheet HTML 2Page - PHOENIX CONTACT 1790749 Datasheet HTML 3Page - PHOENIX CONTACT 1790749 Datasheet HTML 4Page - PHOENIX CONTACT 1790749 Datasheet HTML 5Page - PHOENIX CONTACT 1790749 Datasheet HTML 6Page - PHOENIX CONTACT 1790749 Datasheet HTML 7Page - PHOENIX CONTACT 1790749 Datasheet HTML 8Page - PHOENIX CONTACT 1790749 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
1.5 mm² ... 16 mm²
1.5 mm² ... 35 mm²
Conductor cross-section, flexible, with ferrule, with plastic sleeve
2x 1.5 mm² ... 10 mm² (2 conductors with the same cross-
section)
1.5 mm² ... 25 mm²
Conductor cross-section flexible, with ferrule without plastic
sleeve
2x 1.5 mm² ... 16 mm² (2 conductors with the same cross-
section)
Connection method
Fork-type cable lug
Conductor cross-section flexible
1.5 mm² ... 25 mm²
Remote fault indicator contact
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross-section flexible
0.25 mm² ... 1.5 mm²
Conductor cross-section rigid
0.25 mm² ... 1.5 mm²
Conductor cross-section AWG
24 ... 16
Conductor cross-section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 1.5 mm²
Conductor cross-section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 0.75 mm²
Dimensions
Dimensional drawing
Width
53.4 mm
Height
109.1 mm
Depth
71.5 mm (incl. DIN rail 7.5 mm)
Horizontal pitch
3 Div.
Material specifications
gray (RAL 7042)
Color
light gray (RAL 7035)
Flammability rating according to UL 94
V-0
CTI value of material
600
PA 6.6-FR 20 % GF
Insulating material
PBT
Material group
I
PA 6.6-FR 20 % GF
Housing material
PBT
Mechanical properties
Mechanical data
VAL-US-SPP-120/50/3+0-R - Surge protection device
1790749
https://www.phoenixcontact.com/us/products/1790749
Nov 18, 2025, 6:19AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com