Electronic Components Datasheet Search
  English  ▼

X  

1790749 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1790749
Description  VAL-US-SPP-120/50/30-R - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790749 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1790749 Datasheet HTML 1Page - PHOENIX CONTACT 1790749 Datasheet HTML 2Page - PHOENIX CONTACT 1790749 Datasheet HTML 3Page - PHOENIX CONTACT 1790749 Datasheet HTML 4Page - PHOENIX CONTACT 1790749 Datasheet HTML 5Page - PHOENIX CONTACT 1790749 Datasheet HTML 6Page - PHOENIX CONTACT 1790749 Datasheet HTML 7Page - PHOENIX CONTACT 1790749 Datasheet HTML 8Page - PHOENIX CONTACT 1790749 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Open side panel
No
Protective circuit
Mode of protection
L-PEN
Nominal voltage UN
120/208 V AC ±10 % (TN-C)
Nominal frequency fN
50 Hz (60 Hz)
Maximum continuous operating voltage UC
175 V AC
Rated load current IL
80 A (25 mm²)
Standby power consumption PC
≤ 210 mVA
Nominal discharge current In (8/20) µs
20 kA
Short-circuit current rating ISCCR
50 kA
Voltage protection level Up
≤ 1 kV
Residual voltage Ures
≤ 1 kV (at In)
175 V AC (5 s / withstand mode)
TOV behavior at UT
230 V AC (120 min / safe failure mode)
Response time tA
≤ 25 ns
Max. backup fuse with V-type through wiring
80 A (gG)
Max. backup fuse with branch wiring
315 A (gG)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20C (Installed)
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Ambient temperature (assembly)
-5 °C ... 50 °C
Altitude
≤ 2000 m (amsl)
Permissible humidity (operation)
5 % ... 95 %
Shock (operation)
25g (Half-sine / 11 ms / 3x ±X, ±Y, ±Z)
Vibration (operation)
5g (10 ... 500 Hz / 2.5 h / X, Y, Z)
Approvals
UL specifications
Maximum continuous operating voltage MCOV (L-L)
350 V AC
Maximum continuous operating voltage MCOV (L-G)
175 V AC
Short-circuit current rating (SCCR)
200 kA
Voltage protection rating VPR (L-L)
1200 V
Voltage protection rating VPR (L-G)
700 V
Nominal discharge current In
20 kA
Maximum Surge Current per Phase
1x 50 kA (IEEE C62.73)
L-L
Mode of protection
L-G
120/208 V AC
Nominal voltage
120/240 V AC
VAL-US-SPP-120/50/3+0-R - Surge protection device
1790749
https://www.phoenixcontact.com/us/products/1790749
Nov 18, 2025, 6:19AM
Page 4 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com