Electronic Components Datasheet Search
  English  ▼

X  

1790749 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1790749
Description  VAL-US-SPP-120/50/30-R - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790749 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1790749 Datasheet HTML 1Page - PHOENIX CONTACT 1790749 Datasheet HTML 2Page - PHOENIX CONTACT 1790749 Datasheet HTML 3Page - PHOENIX CONTACT 1790749 Datasheet HTML 4Page - PHOENIX CONTACT 1790749 Datasheet HTML 5Page - PHOENIX CONTACT 1790749 Datasheet HTML 6Page - PHOENIX CONTACT 1790749 Datasheet HTML 7Page - PHOENIX CONTACT 1790749 Datasheet HTML 8Page - PHOENIX CONTACT 1790749 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Surge protective device, UL Listed type 1 and IEC type 2, for 3-phase power supply systems for
208Y/120 V AC, replaceable surge protection plugs with local status indicator (green/red), with
plug-in remote signaling.
Your advantages
Universal surge protective device (SPD) with UL Listed type 1 and IEC type 2: suitable for all common supply system configurations and supply
voltages in North America
•
Minimal maintenance with replaceable surge protection plugs
•
Clear status indication with local optical green/red display and plug-in remote signaling for quick and easy installation
•
Simple planning with comprehensive digital data
•
Miswiring and touch protection for safe installation
•
Commercial data
Item number
1790749
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
CL138U
GTIN
4067923410268
Weight per piece (including packing)
387.6 g
Weight per piece (excluding packing)
362.9 g
Country of origin
DE
VAL-US-SPP-120/50/3+0-R - Surge protection device
1790749
https://www.phoenixcontact.com/us/products/1790749
Nov 18, 2025, 6:19AM
Page 1 (9)


Similar Part No. - 1790749

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790743 PHOENIX-1790743 Datasheet
332Kb / 8P
VAL-US-SPP-120/50-P - Type 2 surge protection plug
1790744 PHOENIX-1790744 Datasheet
410Kb / 9P
VAL-US-SPP-120/50/10-R - Surge protection device
1790745 PHOENIX-1790745 Datasheet
415Kb / 9P
VAL-US-SPP-120/50/11-R - Surge protection device
1790747 PHOENIX-1790747 Datasheet
414Kb / 9P
VAL-US-SPP-120/50/20-R - Surge protection device
1790748 PHOENIX-1790748 Datasheet
416Kb / 9P
VAL-US-SPP-120/50/21-R - Surge protection device
More results

Similar Description - 1790749

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906320 PHOENIX-2906320 Datasheet
72Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 350 VF/P-FM
2788249 PHOENIX-2788249 Datasheet
107Kb / 6P
Surge protection device - TT-UK-R-F/250AC
2795931 PHOENIX-2795931 Datasheet
104Kb / 5P
Surge protection device - TT-UK-R-F/ 48AC
1180145 PHOENIX-1180145 Datasheet
515Kb / 7P
Type 2 surge arrester - VAL-EV-T2 280/31-R
2920272 PHOENIX-2920272 Datasheet
174Kb / 8P
Type 2 surge protection device - VAL-MS 750/30/30-FM
10/27/2014
2881803 PHOENIX-2881803 Datasheet
107Kb / 8P
Type 2 surge protection base element - VAL-MS/30-BE/FM
09/12/2020
2881816 PHOENIX-2881816 Datasheet
100Kb / 7P
Type 2 surge protection base element - VAL-MS/30-BE
09/12/2020
2907918 PHOENIX-2907918 Datasheet
135Kb / 9P
Type 3 surge protection device - PLT-SEC-T3-120-FM-UT
09/12/2020
2920447 PHOENIX-2920447 Datasheet
134Kb / 10P
Type 2 surge arrester - VAL-MS 580/30-FM
09/12/2020
2920450 PHOENIX-2920450 Datasheet
114Kb / 8P
Type 2 surge arrester - VAL-MS 580/30
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com