Electronic Components Datasheet Search
  English  ▼

X  

1790749 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1790749
Description  VAL-US-SPP-120/50/30-R - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790749 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1790749 Datasheet HTML 1Page - PHOENIX CONTACT 1790749 Datasheet HTML 2Page - PHOENIX CONTACT 1790749 Datasheet HTML 3Page - PHOENIX CONTACT 1790749 Datasheet HTML 4Page - PHOENIX CONTACT 1790749 Datasheet HTML 5Page - PHOENIX CONTACT 1790749 Datasheet HTML 6Page - PHOENIX CONTACT 1790749 Datasheet HTML 7Page - PHOENIX CONTACT 1790749 Datasheet HTML 8Page - PHOENIX CONTACT 1790749 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Split phase
Power distribution system
Wye
Nominal frequency
50/60 Hz
SPD Type
1
UL indicator/remote signaling
Operating voltage
250 V AC
DC operating voltage
30 V DC
AC operating current
5 mA AC ... 1 A AC
DC operating current
1 A DC
UL connection data
Tightening torque
30 lbf-in.
Conductor cross-section AWG
14 ... 2
Standards and regulations
Standards/specifications
IEC 61643-11
Note
2011
Standards/specifications
EN 61643-11
Note
2012 + A11:2018
Mounting
Mounting type
DIN rail: 35 mm
VAL-US-SPP-120/50/3+0-R - Surge protection device
1790749
https://www.phoenixcontact.com/us/products/1790749
Nov 18, 2025, 6:19AM
Page 5 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com