Electronic Components Datasheet Search
  English  ▼

X  

1790749 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1790749
Description  VAL-US-SPP-120/50/30-R - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790749 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1790749 Datasheet HTML 1Page - PHOENIX CONTACT 1790749 Datasheet HTML 2Page - PHOENIX CONTACT 1790749 Datasheet HTML 3Page - PHOENIX CONTACT 1790749 Datasheet HTML 4Page - PHOENIX CONTACT 1790749 Datasheet HTML 5Page - PHOENIX CONTACT 1790749 Datasheet HTML 6Page - PHOENIX CONTACT 1790749 Datasheet HTML 7Page - PHOENIX CONTACT 1790749 Datasheet HTML 8Page - PHOENIX CONTACT 1790749 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
Surge protection for NEMA power supply units
Product family
VAL-SPP
II
IEC test classification
T2
EN type
T2
IEC power supply system
TN-C
Type
DIN rail module, two-section, divisible
Number of positions
3
Surge protection fault message
Optical, remote indicator contact
Insulation characteristics
Overvoltage category
III
Pollution degree
3
Electrical properties
Nominal frequency fN
50 Hz (60 Hz)
Indicator/remote signaling
Connection name
Remote fault indicator contact
Switching function
Changeover contact
Max. required back-up fuse
1 A (gG)
AC operating voltage
5 V AC ... 250 V AC
AC operating current
5 mA AC ... 1 A AC
DC operating voltage
30 V DC
DC operating current
1 A DC
DC operating voltage
125 V DC
DC operating current
200 mA DC
Insulation type
The product has double/reinforced insulation between the main
and auxiliary circuit.
Connection data
Connection method
Screw connection
Screw thread
M5
Tightening torque
3 Nm ... 3.5 Nm
Stripping length
18 mm
1.5 mm² ... 35 mm² (without ferrule)
Conductor cross-section flexible
2x 1.5 mm² ... 16 mm² (2 conductors with the same cross-
section)
1.5 mm² ... 50 mm²
Conductor cross-section rigid
2x 1.5 mm² ... 16 mm² (2 conductors with the same cross-
section)
Conductor cross-section AWG
15 ... 2
VAL-US-SPP-120/50/3+0-R - Surge protection device
1790749
https://www.phoenixcontact.com/us/products/1790749
Nov 18, 2025, 6:19AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com