Electronic Components Datasheet Search
  English  ▼

X  

AMC0100R Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC0100R
Description  AMC0100R Precision, ±250mV Input, Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0100R Datasheet(HTML) 5 Page - Texas Instruments

  AMC0100R Datasheet HTML 1Page - Texas Instruments AMC0100R Datasheet HTML 2Page - Texas Instruments AMC0100R Datasheet HTML 3Page - Texas Instruments AMC0100R Datasheet HTML 4Page - Texas Instruments AMC0100R Datasheet HTML 5Page - Texas Instruments AMC0100R Datasheet HTML 6Page - Texas Instruments AMC0100R Datasheet HTML 7Page - Texas Instruments AMC0100R Datasheet HTML 8Page - Texas Instruments AMC0100R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5.3 Recommended Operating Conditions (continued)
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIOWM
Functional isolation working voltage(1)
AC voltage (sine wave)
200
VRMS
DC voltage
280
VDC
TEMPERATURE RANGE
TA
Specified ambient temperature
–40
125
°C
(1)
Common-mode from left-side (pins1-4) to right-side (pins5-8) of the package.
www.ti.com
AMC0100R
SBASAS5 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC0100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com