Electronic Components Datasheet Search
  English  ▼

X  

AMC0100R Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC0100R
Description  AMC0100R Precision, ±250mV Input, Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0100R Datasheet(HTML) 1 Page - Texas Instruments

  AMC0100R Datasheet HTML 1Page - Texas Instruments AMC0100R Datasheet HTML 2Page - Texas Instruments AMC0100R Datasheet HTML 3Page - Texas Instruments AMC0100R Datasheet HTML 4Page - Texas Instruments AMC0100R Datasheet HTML 5Page - Texas Instruments AMC0100R Datasheet HTML 6Page - Texas Instruments AMC0100R Datasheet HTML 7Page - Texas Instruments AMC0100R Datasheet HTML 8Page - Texas Instruments AMC0100R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AMC0100R Precision, ±250mV Input,
Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
1 Features
• Linear input voltage range: ±250mV
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Single-ended, ratiometric output
– Reference Input: 2.7V to 5.5V
• Low DC errors:
– Offset error: ±0.25mV (maximum)
– Offset drift: ±1µV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±35ppm/°C (maximum)
– Nonlinearity: 0.04% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Functional Isolation:
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient overvoltage (60s)
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• 48V motor drives
• 48V frequency inverters
• Analog input modules
• Power supplies
3 Description
The AMC0100R is a precision, galvanically isolated
amplifier with a ±250mV differential input, and single-
ended, ratiometric output. The input is optimized for
direct connection to a shunt resistor or other low-
impedance signal source.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
or noise sensitive circuitry from power stages. The
isolation barrier supports a working voltage up to
200VRMS / 280VDC and transient over voltages up to
570VRMS / 800VDC (60s).
The AMC0100R outputs a single-ended signal
proportional to the input voltage. The full-scale output
is set by the voltage applied to the REFIN pin. The
output of the AMC0100R is designed to connect
directly to the input of an ADC. Connect REFIN to
the same reference voltage as the ADC to match the
dynamic input voltage range of the ADC.
The AMC0100R is available in a 8-pin, 0.65mm
pitch VSON package and is fully specified over the
temperature range from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC0100R
DEN (VSON 8)
3.5mm × 2.7mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND1
INP
INN
VDD1
I
High-side supply
(3.3V or 5V)
+250mV
0 V
–250mV
OUT
GND2
VDD2
ADC
REFIN
MCU
VDDA
VREFHI
Low-side supply
(3.3 V or 5 V)
ADCIN
VSSA
½ VREFIN
VREFIN
Typical Application
AMC0100R
SBASAS5 – OCTOBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC0100R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0106M05 TI1-AMC0106M05 Datasheet
1Mb / 28P
AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
AUGUST 2024
AMC0106M05 TI2-AMC0106M05 Datasheet
1Mb / 35P
AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JUNE 2025
AMC0106M05DENR TI2-AMC0106M05DENR Datasheet
1Mb / 35P
AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JUNE 2025
AMC0106M25 TI1-AMC0106M25 Datasheet
1Mb / 28P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
AUGUST 2024
AMC0106M25 TI2-AMC0106M25 Datasheet
1Mb / 25P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
AUGUST 2024
More results

Similar Description - AMC0100R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7312 NSC-LMP7312 Datasheet
1Mb / 22P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Analog Devices
AM417 AD-AM417 Datasheet
276Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
logo
National Semiconductor ...
LMP7312 NSC-LMP7312_14 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
Single-Ended Analog Input/Output
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
LMP7312 TI1-LMP7312 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
logo
Analog Devices
ADUM4195-1 AD-ADUM4195-1 Datasheet
634Kb / 16P
Isolated Amplifier with Fixed Gain and Single-Ended Output
Rev. 0
logo
WOLFSPEED, INC.
AM417 WOLFSPEED-AM417 Datasheet
270Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
July 2008 Rev 3.1
logo
Analog Devices
ADUM3195 AD-ADUM3195 Datasheet
803Kb / 19P
Isolated Amplifier with Adjustable Gain and Single-Ended Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com