Electronic Components Datasheet Search
  English  ▼

X  

AMC0100R Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC0100R
Description  AMC0100R Precision, ±250mV Input, Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0100R Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC0100R Datasheet HTML 6Page - Texas Instruments AMC0100R Datasheet HTML 7Page - Texas Instruments AMC0100R Datasheet HTML 8Page - Texas Instruments AMC0100R Datasheet HTML 9Page - Texas Instruments AMC0100R Datasheet HTML 10Page - Texas Instruments AMC0100R Datasheet HTML 11Page - Texas Instruments AMC0100R Datasheet HTML 12Page - Texas Instruments AMC0100R Datasheet HTML 13Page - Texas Instruments AMC0100R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
5.9 Typical Characteristics (continued)
at VDD1 = 5V, VDD2 = 3.3V, VREFIN = 3.3V, VINP = –250mV to 250mV, VINN = 0V, and fIN = 10kHz (unless otherwise
noted)
2.7
2.8
2.9
3
3.1
3.2
3.3
V
REFIN(V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
TA = 125C
TA = 25C
TA = -40C
G083A
VDD2 = 3.3V
Figure 5-8. Gain Error vs VREFIN
3
3.5
4
4.5
5
5.5
V
REFIN(V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
TA = 125C
TA = 25C
TA = -40C
G083B
VDD2 = 5.5V
Figure 5-9. Gain Error vs VREFIN
3
3.5
4
4.5
5
5.5
VDDx (V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
vs VDD1
vs VDD2
G020
Figure 5-10. Gain Error vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Device 1
Device 2
Device 3
G021
Figure 5-11. Gain Error vs Temperature
3
3.5
4
4.5
5
5.5
VDDx (V)
-140
-120
-100
-80
-60
-40
-20
0
vs VDD1
vs VDD2
G037
Figure 5-12. Common-Mode Rejection Ratio vs Supply Voltage
0.01
0.1
1
10
100
1000
f
IN(kHz)
-140
-120
-100
-80
-60
-40
-20
0
G038
Figure 5-13. Common-Mode Rejection Ratio vs Input Frequency
AMC0100R
SBASAS5 – OCTOBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com