Electronic Components Datasheet Search
  English  ▼

X  

AMC0100R Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC0100R
Description  AMC0100R Precision, ±250mV Input, Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0100R Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC0100R Datasheet HTML 3Page - Texas Instruments AMC0100R Datasheet HTML 4Page - Texas Instruments AMC0100R Datasheet HTML 5Page - Texas Instruments AMC0100R Datasheet HTML 6Page - Texas Instruments AMC0100R Datasheet HTML 7Page - Texas Instruments AMC0100R Datasheet HTML 8Page - Texas Instruments AMC0100R Datasheet HTML 9Page - Texas Instruments AMC0100R Datasheet HTML 10Page - Texas Instruments AMC0100R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
5.6 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0V to 5.5V, VDD2 = 3.0V to 5.5V, VREFIN
= 3.3V, VINP = –250mV to +250mV, and VINN = 0V; typical specifications are at TA = 25°C, VDD1 = 5V, VDD2 = 3.3V, and
VREFIN = 1.65V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
CIN
Effective input sampling
capacitance
1.8
pF
RIN
Input impedance
25
27.5
30
kΩ
IINP
Input current
VIN = (VINP – VINN) = VFSR, MAX
9
μA
IINN
Input current
VIN = (VINP – VINN) = VFSR, MAX
–9
μA
CMTI
Common-mode transient immunity
|GND1 – GND2| = 1kV
150
V/ns
REFERENCE INPUT
RREFIN
Input Impedance
REFIN to GND2, VREFIN = 3.3V, TA =
25
℃
65.3
76.8
88.3
kΩ
REFIN to GND2, VREFIN = 5V, TA = 25℃
62
72.9
83.9
TCRREFIN Input Impedance thermal drift
–235
ppm/
℃
ANALOG OUTPUT
Nominal Gain
VREFIN / 2 /
|VClipping|
V/V
ROUT
Output resistance
<0.2
Ω
Output short-circuit current
OUT pin, sourcing or sinking,
INN = INP = GND1 or VDD1, output
shorted to
either GND2 or VDD2
11
mA
DC ACCURACY
VOS
Offset voltage(1) (2)
TA = 25°C, INP = INN = GND1
–0.25
±0.01
0.25
mV
TCVOS
Offset drift(1) (2) (4)
–3.5
–1.8
1
µV/°C
EG
Gain error(1)
TA = 25°C
–0.25%
±0.04
0.25%
TCEG
Gain drift(1) (5)
–35
±5
35 ppm/°C
Nonlinearity(1)
–0.04%
0.04%
Output noise
INP = INN = GND1, fIN = 0Hz,
BW = 100kHz brickwall filter
260
µVRMS
CMRR
Common-mode rejection ratio
fIN = 0Hz, VCM min ≤ VCM ≤ VCM max
–100
dB
fIN = 10kHz, VCM min ≤ VCM ≤ VCM max
–82
PSRR
Power-supply rejection ratio(2)
VDD1 DC PSRR, INP = INN = GND1,
VDD1 from 3V to 5.5V
–89
dB
VDD1 AC PSRR, INP = INN = GND1,
VDD1 with 10kHz / 100mV ripple
–81
VDD2 DC PSRR, INP = INN = GND1,
VDD2 from 3.3V to 5.5V
–110
VDD2 AC PSRR, INP = INN = GND1,
VDD2 with 10kHz / 100mV ripple
–82
AC ACCURACY
BW
Output bandwidth
250
280
kHz
THD
Total harmonic distortion(3)
fIN = 10kHz
–80
dB
SNR
Signal-to-noise ratio
fIN = 1 kHz, BW = 10kHz
84
dB
Signal-to-noise ratio
fIN = 10kHz, BW = 100kHz
77
POWER SUPPLY
IDD1
High-side supply current
5.4
6.7
mA
www.ti.com
AMC0100R
SBASAS5 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AMC0100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com