Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3045
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
40 of 44
Figure 63. 5V 5A 1MHz Step-Down Converter with Soft-Start, Fast Start-Up and Power Good
Figure 64. Negative 5V 2A 1MHz Step-Down Converter with Soft-Start, Fast Start-Up and Power Good
Figure 65. Dynamic Output Voltage Control 1V to 5V 5A 400kHz Step-Down Converter with External DAC
1µF ×2
105kΩ
4.7µH
2.2µF
49.9kΩ
590Ω
453kΩ
49.9kΩ
0.1µF
1µF
8.2nF
0.22µF
0.22µF
22µF ×10
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83205
fSW = 1MHz
BST
INTVCC
VIN
GND
GND
L: XGL6060
VIN
7.5V TO 18V
5V
5A
VOUT
0805
X7R
16V
22µF ×5
PG
PIN(S) NOT USED IN THIS CIRCUIT:
SYNC/MODE
CSET: GCM21BR71C225KA64L
2.2µF
105kΩ
1µF
49.9kΩ
634Ω
453kΩ
49.9kΩ
0.1µF
1µF
33nF
0.22µF
100µF
22µF ×10
2.2µH
10µF
0.22µF
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83205
fSW = 1MHz
BST
INTVCC
VIN
GND
GND
VIN
5V TO 12V
−5V
2A
VOUT
0805
X7R
50V
PG
PIN(S) NOT USED IN THIS CIRCUIT:
SYNC/MODE
CSET: GCM21BR71H105KA03K
OPTIONAL
SCHOTTKY
DIODE
L: XGL4040
VOUT = (10 × VREF + 1) ÷ 11
1V TO 5V
5A
PIN(S) NOT USED IN THIS CIRCUIT:
PG, SYNC/MODE
*VREF SHOULD BE ABLE TO SOURCE
AND SINK 1mA CURRENT
10µF
287kΩ
1µF
10kΩ
309Ω
0.1µF
1µF
33nF
0.22µF
0.22µF
100µF
1kΩ
22µF ×10
2.2µH
VIN
EN/UVLO
VC
RT
GND
INTVCC
OUTS
SW
LT83205
fSW = 400kHz
BST
SET
VIN
GND
GND
VIN
12V
0805
X7R
25V
CSET: GRM219R71E105KA88D
PGFB
VREF*
1V TO 5.4V
L: XGL4040
DAC
0.5V OR INTVCC*
*NOTE THAT APPLICATIONS WITH DYNAMIC OUTPUT VOLTAGE CONTROL WILL NOT BE ABLE TO USE THE POWER GOOD AND
FAST START-UP FUNCTIONALITIES AND MUST TIE PGFB TO 0.5V TO DISABLE THESE FUNCTIONS CORRECTLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com