Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3045
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
17 of 44
Figure 40. Switching Waveforms, Pulse-Skipping
Operation
Figure 41. Transient Response: Load Current
Stepped from 1A to 3A
Figure 42. Transient Response: Load Current Stepped
from 0.1A to 2.1A
Figure 43. LT83203/LT83205 Case Temperature Rise
Figure 44. LT83203 Radiated EMI Performance (CISPR32
Radiated Emission Test with Class B Limits)
Figure 45. LT83205 Radiated EMI Performance (CISPR32
Radiated Emission Test with Class B Limits)
12VIN TO 1VOUT AT 100mA
VSYNC = 0V
1µs/DIV
VSW
5V/DIV
IL
500mA/DIV
1A
3A
10µs/DIV
ILOAD
1A/DIV
VOUT
20mV/DIV
VIN = 12V, VOUT = 1V, fSW = 2MHz, RC = 1.82kΩ, CC = 2.2nF
TYPICAL APPLICATION CIRCUIT
FORCED CONTINUOUS MODE
PULSE-SKIPPING MODE
0.1A
2.1A
20µs/DIV
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 12V, VOUT = 1V, fSW = 2MHz, RC = 1.82kΩ, CC = 2.2nF
TYPICAL APPLICATION CIRCUIT
DEMO BOARD, ON STILL AIR
VIN = 12V
VOUT = 1V
fSW = 2MHz
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
STANDARD DEMO BOARD
WITH EMI FILTER
CLASS B LIMIT
12V INPUT TO 1V OUTPUT AT 3A, fSW = 2MHz
HORIZONTAL OPERATING
VERTICAL OPERATING
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900 1000
–10
0
10
20
30
40
50
60
70
STANDARD DEMO BOARD
WITH EMI FILTER
CLASS B LIMIT
12V INPUT TO 1V OUTPUT AT 5A, fSW = 2MHz
HORIZONTAL OPERATING
VERTICAL OPERATING
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900 1000
–10
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com