Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3045
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
9 of 44
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
RT
A resistor is connected between the RT and ground to set the switching frequency.
2
PG
The PG pin is the open-drain output of an internal comparator. PG is pulled low until
the PGFB pin is within ±7.5% of 0.5V, and there are no fault conditions. PG is pulled low
when EN/UVLO is below 0.75V, INTVCC has fallen too low, or during thermal shutdown.
PG is valid when VIN is above 2.7V.
3
SYNC/MODE
For the LT83203/LT83205, this pin programs three different operating modes: 1) Pulse-
Skipping Mode: Connect this pin to GND for pulse-skipping mode for improved
efficiency at light loads. 2) Forced Continuous Mode (FCM): This mode offers fast
transient response and full frequency operation over a wide load range. Connect this
pin high to INTVCC (~3.4V) or an external supply >1.5V for FCM. The part also operates in
this mode by default if this pin is left floating. 3) Synchronization Mode: Drive this pin
with a clock source to synchronize to an external frequency. During synchronization,
the part operates in forced continuous mode. The SYNC/MODE pin can be toggled
during operation to change the operating mode. Contact the factory for versions of
this part that replace the SYNC/MODE pin with a CLKOUT pin. The CLKOUT pin would
provide a 50% duty-cycle square wave of the switching frequency, 180° out-of-phase
with the internal clock of the part, with a peak-to-peak amplitude of INTVCC to GND.
4, 8
VIN
The VIN pins supply current to the LT83203/LT83205 internal circuitry and to the
internal top-side power switch. Two 0402 capacitors of 0.1µF or more should be placed
to bypass both VIN pins with the positive terminal of the input capacitor as close as
possible to the VIN pins and the negative capacitor terminal as close as possible to the
GND pins. VIN pins must also be connected with an additional local bypass capacitor of
4.7µF or more. To provide sufficient headroom for the current reference, VIN must be at
least 700mV higher than the required regulation setpoint that is programmed via the
SET pin. For example, for the required regulation setpoint of 3.3V, VIN must be at least
3.3V + 700mV = 4V or higher.
5, 7, 16
(Exposed
Pad)
GND
Ground. Place the negative terminal of the input capacitor as close to the GND pins as
possible. The exposed pads should be soldered to the PCB for good thermal
performance. If necessary due to manufacturing limitations, the exposed pad may be
left disconnected; however, the performance degrades.
6
SW
The SW pin is the output of the internal power switches. Connect this pin to the
inductor. This node must be kept small on the PCB for good performance and low EMI.
9
BST
This pin is used to provide a drive voltage higher than the input voltage to the topside
power switch. Place a 0.1µF boost capacitor as close as possible to the IC.
10
INTVCC
Internal 3.4V Regulator Bypass Pin. The internal power drivers and control circuits are
powered by this voltage. Do not load the INTVCC pin with external circuitry. INTVCC
current is supplied by VIN. Decouple this pin to ground with at least a 1µF low
equivalent series resistance (ESR) ceramic capacitor placed close to the IC.
11
EN/UVLO
A voltage at this pin greater than 0.75V enables switching, and a voltage less than
200mV is guaranteed to shut down the internal current bias and sub-regulators. The
hysteretic threshold voltage is 0.75V going up and 0.7V going down. Connect to VIN if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com