Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3045
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 5 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
5 of 44
(TJ = –40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to
GND, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
PG Pull-Down
Resistance
RPG
VPG = 0.5V
380
1200
Ω
SYNC/MODE Threshold
VIL
SYNC/MODE DC and Clock Low Level
Voltage
0.7
V
VIH
SYNC/MODE DC and Clock High Level
Voltage
1.5
OUTS Pin Output
Current
IOUTS
VOUTS = 1V, TA = +25°C
80
160
240
nA
Output Voltage Line
Regulation5
ΔVOUT(LINE)
VIN = 4V to 18V, TA = +25°C
0.001
0.01
%/V
Error Amp Offset5, 6
VEA,OFFSET
VC = 1.2V, VSET = 3V, VIN = 12V,
PNP-Based Input Pair
–2
2
mV
VC = 1.2V, VSET = 5V, VIN = 5.7V,
NPN-Based Input Pair
–2
2
Error Amp
Transconductance6
gm(EA)
VC = 1.2V, VSET = 3V, VIN = 12V,
PNP-Based Input Pair, TA = +25°C
9.5
12
14.5
mS
gm(EA)
VC = 1.2V, VSET = 5V, VIN= 5.7V,
NPN-Based Input Pair, TA = +25°C
8.3
10.5
12.7
Error Amp Gain
AV
VC = 1.2V, VSET = 1V, VIN= 6V
2800
V/V
VC Source Current6
IVC-SRC
VC = 1.2V, VSET = 1V, VIN = 12V, PNP-
Based Input Pair
330
μA
VC = 1.2V, VSET = 5V, VIN = 6V, NPN-
Based Input Pair
330
VC Sink Current6
IVC-SNK
VC = 1.2V, VSET = 1V, VIN = 12V, PNP-
Based Input Pair
330
μA
VC = 1.2V, VSET = 5V, VIN = 6V, NPN-
Based Input Pair
330
VC Pin to Switch Current
Gain
GM
LT83203
5.2
A/V
LT83205
7.2
VC Clamp Voltage
VC_CLAMP
2.2
V
Minimum On-Time
tON(MIN)
ILOAD = 1A
15
20
ns
Minimum Off-Time
tOFF(MIN)
ILOAD = 1A
70
90
ns
Top Power N-Channel
MOSFET Current Limit
IPEAK-LIMIT
LT83203
5.4
6
6.6
A
LT83205
8.5
10
11
Bottom Power N-
Channel MOSFET
Current Limit
IVALLEY-LIMIT
LT83203
3.6
4.5
5.4
A
LT83205
6
7.5
9
SW Leakage Current
ISW_LKG
VIN = 18V, VSW = 0V, 18V, TA = +25°C
–10
10
μA
Power MOSFET
On-Resistance
Main Switch (Top)
RDS-ONH
108
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com