Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3045
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
20 of 44
APPLICATIONS INFORMATION
Low Frequency Output Noise
The LT83203/LT83205 offers many advantages with respect to noise performance in the low-frequency range
(<100kHz). Conventional step-down regulators have several sources of low frequency noise. The most critical noise
sources for a conventional regulator are its reference, error amplifier, noise from the resistor divider network used
for setting output voltage, and the noise gain created by this resistor divider.
Unlike most step-down regulators, the LT83203/LT83205 does not use a voltage reference; instead, it uses a 100μA
current reference. One problem that conventional step-down regulators face is that the resistor divider setting the
output voltage gains up the reference noise. In contrast, the current reference architecture employed by the
LT83203/LT83205 allows unity-gain operation to avoid gaining up the noise from the reference to the output.
Therefore, if a capacitor bypasses the SET pin resistor, the output noise is independent of the programmed output
voltage. The resultant output noise is typically 4nV/√Hz at 10kHz.
With the previously mentioned noise sources operating at such low noise levels, other noise sources become non-
negligible contributors to the output noise. Choosing a compensation network that achieves good transient
performance with a good phase margin ensures optimal noise performance. The Applications Information section
on Frequency Compensation provides guidelines on how to choose appropriate compensation.
Filtering Switching Ripple and High Frequency Noise
The LT83203/LT83205 is a switching regulator and also have the typical artifacts of a switching regulator at the
output, namely a ripple at the fundamental switching frequency as well as high-frequency spikes associated with the
fast switching edges. While the output capacitor absorbs some of these spikes, the capacitor ESL limits its ability to
do so at high frequencies. Additional filtering at the output in the form of feedthrough capacitors, ferrite beads, or
an additional LC filter stage is recommended to eliminate these high-frequency spikes and significantly reduce
switching ripple.
If additional switching ripple reduction is required while retaining fast transient response, ferrite beads, a PCB trace,
or feedthrough capacitors may be used. For feedthrough capacitors, ensure sufficient feedthrough capacitors are
paralleled to carry the required load current. Figure 47 shows an example where two 3A-rated feedthrough capacitors
are used for additional switching ripple suppression to deliver up to 6A at the output. In practice, this is limited to 3A
for the LT83203 and 5A for the LT83205.
Figure 47. Additional Output Ripple Filtering Using Feedthrough Capacitors
LT83203/
LT83205
GND
SW
OUTS
0.47µH
100µF
100µF
×6
OPTIONAL
FEEDTHROUGH
CAPACITOR
3A RATED
4.7µF
×2
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com