Electronic Components Datasheet Search
  English  ▼

X  

TPS56520PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS56520PWPR
Description  TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage Regulator with Voltage Scaling
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS56520PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS56520PWPR Datasheet HTML 18Page - Texas Instruments TPS56520PWPR Datasheet HTML 19Page - Texas Instruments TPS56520PWPR Datasheet HTML 20Page - Texas Instruments TPS56520PWPR Datasheet HTML 21Page - Texas Instruments TPS56520PWPR Datasheet HTML 22Page - Texas Instruments TPS56520PWPR Datasheet HTML 23Page - Texas Instruments TPS56520PWPR Datasheet HTML 24Page - Texas Instruments TPS56520PWPR Datasheet HTML 25Page - Texas Instruments TPS56520PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
22
TPS56C20, TPS56920, TPS56720, TPS56520
SLVSCB6E – NOVEMBER 2013 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8.6.4 Control Registers
There are 4 control registers: Registers 0, 8, 9 and 24.
Table 3. Summary of Default Control Bits
CONTROL BIT(s)
DEFAULT
(BINARY)
FUNCTION
VOUT[7:0]
0110010
VOUT code, 7 bits VOUT[6:0] + odd parity checksum bit at VOUT[7]
Writing a valid code to this register also sets Internal Mode.
Sending an invalid code (checksum incorrect) to this register does not change register contents
or set Internal/Enable bits.
Internal Mode
0
(EXTERNAL
mode)
1. If set to 1, the part switches to INTERNAL mode and VOUT register value controls output
voltage.
2. Writing a valid code to the VOUT register sets this Internal Mode bit to 1.
3. The part can be set back to EXTERNAL control mode at any time by writing this bit to 0.
PGOOD Delay [1:0]
11
Part defaults to PGOOD Delay = 26.4µS
Hiccup Mode
1
Part defaults to Hiccup Mode On. If Hiccup Mode is enabled, do not turn on OVP Latchoff
Mode and/or UVP Latchoff Mode.
ECO Mode
0
Part defaults to ECO Mode Off
DAC Settle [1:0]
11
Part defaults to DAC Settle = 25µS
Enable
0
Part defaults to Disabled.
This bit can be set to 1 by writing the bit to 1. The external EN terminal being set to 1 overrides
the register value (you cannot disable the part by writing a 0 if the EN terminal is high).
OVP Latchoff Mode
Disable
1
Part defaults to Latchoff Mode Off. If Hiccup Mode is enabled, do not turn on OVP Latchoff
Mode and/or UVP Latchoff Mode.
UVP Latchoff Mode
Disable
1
Part defaults to Latchoff Mode Off. If Hiccup Mode is enabled, do not turn on OVP Latchoff
Mode and/or UVP Latchoff Mode.
CurLim[2:0]
111
Selects default current limit value
Enable: This bit can be used to enable the regulator just like setting the EN terminal high. The EN terminal has
priority (if EN=high, the Enable bit does nothing, the chip is already enabled). This allows the customer to tie EN
to GND externally or leave the EN terminal floating (the terminal is pulled low internally) and subsequently enable
the regulator by I2C software control.
DAC Settle [1:0]: When a new VOUT voltage is selected, this happens by setting an internal DAC to a new
internal VREF voltage. If this happens instantly, the regulator loop will be thrown out of regulation and the
DCAP2 loop must respond to bring the VOUT back into regulation at its new chosen value. This can cause
VOUT overshoots (or undershoots) or head to high transient input currents. Therefore, an analog filter on the
DAC output causes this internal VREF to change more slowly. The DAC Settle[1:0] bits change the filter time
constant as follows:
DAC Settle [1:0]
Typical Filter Time Constant
00
6 µs
01
10 µs
10
15 µs
11
25 µs
The power-up default value of the DAC Settle[1:0] bits is 11.
Internal Mode: This bit can be interrogated to discover whether the chip is running in EXT Mode (using external
resistor dividers to VFB terminal to set the output voltage) or INT Mode (using codes set in Output Voltage
register to set the output voltage). Further, it can be set by the user to force either Internal or External mode.
Writing a valid value to a VOUT register always sets External to 1 on the corresponding regulator.
In default, the TPS56X20 will start up into external mode and the output voltage is set by VFB with divider
resistors. If starting up into internal VID mode is desired, the input voltage should be applied first, write Internal
Mode bit to "1" the next, then enable the device by EN terminal or EN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com