Electronic Components Datasheet Search
  English  ▼

X  

TPS56520PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS56520PWPR
Description  TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage Regulator with Voltage Scaling
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS56520PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS56520PWPR Datasheet HTML 25Page - Texas Instruments TPS56520PWPR Datasheet HTML 26Page - Texas Instruments TPS56520PWPR Datasheet HTML 27Page - Texas Instruments TPS56520PWPR Datasheet HTML 28Page - Texas Instruments TPS56520PWPR Datasheet HTML 29Page - Texas Instruments TPS56520PWPR Datasheet HTML 30Page - Texas Instruments TPS56520PWPR Datasheet HTML 31Page - Texas Instruments TPS56520PWPR Datasheet HTML 32Page - Texas Instruments TPS56520PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
V
= 1 V/div
OUT
Time = 2 ms/div
EN = 5 V/div
V
= 10 V/div
IN
PGOOD = 2 V/div
V
= 100 mV/div (ac coupled)
IN
Time = 1 µs/div
PH = 5 V/div
I
= 9 A
OUT
V
= 20 mV/div (ac coupled)
OUT
Time = 1 µs/div
PH = 5 V/div
I
= 9 A
OUT
V
= 50 mV/div (ac coupled)
OUT
I
= 2 A/div
OUT
Time = 200 µs/div
2.25 A to 6.75 A load step,
slew rate = 500 mA / µsec
±0.20
±0.15
±0.10
±0.05
0.00
0.05
0.10
0.15
0.20
5
8
11
14
17
Input Voltage - V
C043
I
OUT = 10 mA,
Eco-mode = OFF
I
OUT = 10 mA,
Eco-mode = ON
I
OUT = 9 A
29
TPS56C20, TPS56920, TPS56720, TPS56520
www.ti.com
SLVSCB6E – NOVEMBER 2013 – REVISED DECEMBER 2017
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Figure 46. TPS56920 Line Regulation
Figure 47. TPS56920 Transient Response
Figure 48. TPS56920 Input Voltage Ripple
Figure 49. TPS56920 Output Voltage Ripple
Figure 50. TPS56920 Start Up Relative to VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com