Electronic Components Datasheet Search
  English  ▼

X  

TPS56520PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS56520PWPR
Description  TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage Regulator with Voltage Scaling
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS56520PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS56520PWPR Datasheet HTML 3Page - Texas Instruments TPS56520PWPR Datasheet HTML 4Page - Texas Instruments TPS56520PWPR Datasheet HTML 5Page - Texas Instruments TPS56520PWPR Datasheet HTML 6Page - Texas Instruments TPS56520PWPR Datasheet HTML 7Page - Texas Instruments TPS56520PWPR Datasheet HTML 8Page - Texas Instruments TPS56520PWPR Datasheet HTML 9Page - Texas Instruments TPS56520PWPR Datasheet HTML 10Page - Texas Instruments TPS56520PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
TPS56C20, TPS56920, TPS56720, TPS56520
www.ti.com
SLVSCB6E – NOVEMBER 2013 – REVISED DECEMBER 2017
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS56520/720/920
TPS56C20
UNIT
PWP (20)
PWP (24)
θJA
Junction-to-ambient thermal resistance
36.8
32.8
°C/W
θJCtop
Junction-to-case (top) thermal resistance
22.5
16
θJB
Junction-to-board thermal resistance
19.5
14.2
ψJT
Junction-to-top characterization parameter
0.6
0.4
ψJB
Junction-to-board characterization parameter
19.2
14
θJCbot
Junction-to-case (bottom) thermal resistance
1.4
0.8
7.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN=4.5V to 17V, PVIN=4.5V to 17V (Unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Operating input voltage
VIN, PVIN
4.5
17
V
IIN
VIN supply current
25°C, EN=5V, VFB=0.8V (non switching), VIN=12V
920
1150
µA
IVINSDN
VIN shutdown current
25°C, EN=0V, VIN=12V
140
200
µA
FEEDBACK VOLTAGE
VVFB
VFB voltage
25°C, external regulation mode, PVIN=12V,
VOUT=1.1V, IOUT=50mA, pulse skipping
0.594
0.6
0.606
V
25°C, external regulation mode, VOUT=1.1V,
continuous current mode
0.594
0.6
0.606
V
External regulation mode, VOUT=1.1V, continuous
current mode
0.591
0.6
0.609
V
VOUT VOLTAGE (INTERNAL VID CONTROL)
VVOUT
VOUT voltage
25°C, relative to target VOUT, PVIN=12V,
VOUT=0.6V~1.87V, LOUT=1.5µH
–1%
0%
1%
Target
VOUT
Relative to target VOUT, PVIN=12V, LOUT=1.5µH
–1.5%
0%
1.5%
Relative to target VOUT, LOUT=1.5µH
–2%
0%
2%
VREG5 OUTPUT
VVREG5
VREG5 Output Voltage
25°C , 6V< VIN <17V, IVREG5 = 5mA, VFB=1V
5.2
5.5
5.7
V
MOSFET
rDS(on)H
High side switch resistance TPS56520
VBST-SW=5.5V
44
mΩ
rDS(on)L
Low side switch resistance TPS56520
VIN=12V
32
mΩ
rDS(on)H
High side switch resistance TPS56720
VBST-SW=5.5V
30
mΩ
rDS(on)L
Low side switch resistance TPS56720
VIN=12V
24
mΩ
rDS(on)H
High side switch resistance TPS56920
VBST-SW=5.5V
26
mΩ
rDS(on)L
Low side switch resistance TPS56920
VIN=12V
19
mΩ
rDS(on)H
High side switch resistance TPS56C20
VBST-SW=5.5V
13
mΩ
rDS(on)L
Low side switch resistanceTPS56C20
VIN=12V
9
mΩ
POWER GOOD
VPGOODTH
PGOOD threshold
VOUT or VFB falling (fault) VO=1.1V
80%
VOUT or VFB rising (good) VO=1.1V
85%
VOUT or VFB rising (fault) VO=1.1V
115%
VOUT or VFB falling (good) VO=1.1V
110%
IPGOODDLY
PGOOD sink current
VPGOOD=0.5V
3.15
5.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com