Electronic Components Datasheet Search
  English  ▼

X  

TPS56520PWPR Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS56520PWPR
Description  TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage Regulator with Voltage Scaling
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS56520PWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS56520PWPR Datasheet HTML 35Page - Texas Instruments TPS56520PWPR Datasheet HTML 36Page - Texas Instruments TPS56520PWPR Datasheet HTML 37Page - Texas Instruments TPS56520PWPR Datasheet HTML 38Page - Texas Instruments TPS56520PWPR Datasheet HTML 39Page - Texas Instruments TPS56520PWPR Datasheet HTML 40Page - Texas Instruments TPS56520PWPR Datasheet HTML 41Page - Texas Instruments TPS56520PWPR Datasheet HTML 42Page - Texas Instruments TPS56520PWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Jul-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
TPS56520PWP
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56520PWP.A
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56720PWP
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56720PWP.A
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56920PWP
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56920PWP.A
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56920PWP.B
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56920PWPG4
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56920PWPG4.A
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56920PWPG4.B
PWP
HTSSOP
20
70
530
10.2
3600
3.5
TPS56C20PWP
PWP
HTSSOP
24
60
530
10.2
3600
3.5
TPS56C20PWP.A
PWP
HTSSOP
24
60
530
10.2
3600
3.5
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com