Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2552DBVT
Description  TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS2552DBVT Datasheet HTML 1Page - Texas Instruments TPS2552DBVT Datasheet HTML 2Page - Texas Instruments TPS2552DBVT Datasheet HTML 3Page - Texas Instruments TPS2552DBVT Datasheet HTML 4Page - Texas Instruments TPS2552DBVT Datasheet HTML 5Page - Texas Instruments TPS2552DBVT Datasheet HTML 6Page - Texas Instruments TPS2552DBVT Datasheet HTML 7Page - Texas Instruments TPS2552DBVT Datasheet HTML 8Page - Texas Instruments TPS2552DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
TPS2552, TPS2553, TPS2552-1, TPS2553-1
SLVS841F – NOVEMBER 2008 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2552 TPS2553 TPS2552-1 TPS2553-1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 5
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings ............................................................ 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 7
7.6
Typical Characteristics .............................................. 8
8
Parameter Measurement Information ................ 11
9
Detailed Description ............................................ 13
9.1
Overview ................................................................. 13
9.2
Functional Block Diagram ....................................... 13
9.3
Feature Description................................................. 13
9.4
Device Functional Modes........................................ 15
9.5
Programming........................................................... 15
10
Application and Implementation........................ 17
10.1
Application Information.......................................... 17
10.2
Typical Applications .............................................. 17
11
Power Supply Recommendations ..................... 24
11.1
Self-Powered and Bus-Powered Hubs ................. 24
11.2
Low-Power Bus-Powered and High-Power Bus-
Powered Functions .................................................. 24
11.3
Power Dissipation and Junction Temperature ...... 24
12
Layout................................................................... 25
12.1
Layout Guidelines ................................................. 25
12.2
Layout Example .................................................... 25
13
Device and Documentation Support ................. 26
13.1
Device Support...................................................... 26
13.2
Related Links ........................................................ 26
13.3
Receiving Notification of Documentation Updates 26
13.4
Community Resources.......................................... 26
13.5
Trademarks ........................................................... 26
13.6
Electrostatic Discharge Caution ............................ 26
13.7
Glossary ................................................................ 26
14
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (February 2012) to Revision F
Page
•
Added ESD Rating table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Changed 1300 mA to 1700 mA in the adjustable current limit bullet under the Features section ......................................... 1
•
Changed from 1.2 A to 1.5 A.................................................................................................................................................. 4
Changes from Revision D (June 2011) to Revision E
Page
•
Changed VEN to VEN in Recommended Operating Conditions ............................................................................................... 6
•
Changed VEN to VEN in Recommended Operating Conditions ............................................................................................... 6
Changes from Revision C (September 2009) to Revision D
Page
•
Changed From: Fast Overcurrent Response - 2-µS (typ) To: Fast Overcurrent Response - 2-µs (typ) in the Features ...... 1
•
Added text To Feature - UL Listed "and NEMKO IEC60950-1-am1 ed2.0"........................................................................... 1
•
Added Features Item "See the TI Switch Portfoilo"................................................................................................................ 1
•
Changed the DEVICE INFORMATION table, and Deleted Note 3 ........................................................................................ 1
•
Added ESD-system level (contact/air) to the ABS MAX table, and Added Note 3 ................................................................ 6
•
Added text to the REVERSE-VOLTAGE PROTECTION section: "A reverse.....when this occurs.".................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com