Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2552DBVT
Description  TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 2Page - Texas Instruments TPS2552DBVT Datasheet HTML 3Page - Texas Instruments TPS2552DBVT Datasheet HTML 4Page - Texas Instruments TPS2552DBVT Datasheet HTML 5Page - Texas Instruments TPS2552DBVT Datasheet HTML 6Page - Texas Instruments TPS2552DBVT Datasheet HTML 7Page - Texas Instruments TPS2552DBVT Datasheet HTML 8Page - Texas Instruments TPS2552DBVT Datasheet HTML 9Page - Texas Instruments TPS2552DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
TPS2552, TPS2553, TPS2552-1, TPS2553-1
SLVS841F – NOVEMBER 2008 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2552 TPS2553 TPS2552-1 TPS2553-1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
Surges per EN61000-4-2. 1999 applied to output terminals of EVM. These are passing test levels, not failure threshold.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
IEC 61000-4-2 contact discharge(3)
±8000
IEC 61000-4-2 air-gap discharge(3)
±15000
(1)
See Power Dissipation and Junction Temperature for details on how to calculate maximum junction temperature for specific applications
and packages.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VEN
Enable voltage
TPS2552/52-1
0
6.5
V
VEN
Enable voltage
TPS2553/53-1
0
6.5
V
VIH
High-level input voltage on EN or EN
1.1
V
VIL
Low-level input voltage on EN or EN
0.66
IOUT
Continuous output current,
OUT
–40 °C
≤ TJ ≤ 125 °C
0
1.2
A
–40 °C
≤ TJ ≤ 105 °C
0
1.5
RILIM
Current-limit threshold resistor range (nominal 1%) from ILIM to GND
15
232
kΩ
IO
Continuous FAULT sink current
0
10
mA
Input de-coupling capacitance, IN to GND
0.1
µF
TJ
Operating virtual junction
temperature(1)
IOUT ≤ 1.2 A
–40
125
°C
IOUT ≤ 1.5 A
–40
105
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS2552
TPS2553
UNIT
DBV (SOT-23)
DRV (WSON)
DBV (SOT-23)
DRV (WSON)
6 PINS
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
182.6
72
182.6
72
°C/W
RθJC(to
p)
Junction-to-case (top) thermal resistance
122.2
85.3
122.2
85.3
°C/W
RθJB
Junction-to-board thermal resistance
29.4
41.3
29.4
41.3
°C/W
ψJT
Junction-to-top characterization parameter
20.8
1.7
20.8
1.7
°C/W
ψJB
Junction-to-board characterization parameter
28.9
41.7
28.9
41.7
°C/W
RθJC(b
ot)
Junction-to-case (bottom) thermal resistance
—
11.1
—
11.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com