Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2552DBVT
Description  TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS2552DBVT Datasheet HTML 1Page - Texas Instruments TPS2552DBVT Datasheet HTML 2Page - Texas Instruments TPS2552DBVT Datasheet HTML 3Page - Texas Instruments TPS2552DBVT Datasheet HTML 4Page - Texas Instruments TPS2552DBVT Datasheet HTML 5Page - Texas Instruments TPS2552DBVT Datasheet HTML 6Page - Texas Instruments TPS2552DBVT Datasheet HTML 7Page - Texas Instruments TPS2552DBVT Datasheet HTML 8Page - Texas Instruments TPS2552DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
TPS2552, TPS2553, TPS2552-1, TPS2553-1
www.ti.com
SLVS841F – NOVEMBER 2008 – REVISED AUGUST 2016
Product Folder Links: TPS2552 TPS2553 TPS2552-1 TPS2553-1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Changes from Revision B (February 2009) to Revision C
Page
•
Added Feature - Up to 1.5 A Maximum Load Current............................................................................................................ 1
•
Changed 1.3 A (typ) To: 1.7 A (typ) ....................................................................................................................................... 1
•
Added Text - and provide up to 1.5 A of continuous load current.......................................................................................... 1
•
Changed From: 19.1 kΩ ≤ RILIM ≤ 232 kΩ To: 15 kΩ ≤ RILIM ≤ 232 kΩ. ................................................................................. 5
•
Changed IOUT values for 1.2A and 1.5A ................................................................................................................................. 6
•
Changed TJ values for 1.2A and 1.5A .................................................................................................................................... 6
•
Added RILIM = 15 kΩ option .................................................................................................................................................... 7
•
Changed Text From: current-limit threshold between 75 mA and 1.3 A (typ) To: current-limit threshold between 75
mA and 1.7 A (typ)................................................................................................................................................................ 13
•
Changed Text From: The recommended 1% resistor range for RILIM is 19.1 kΩ ≤ RILIM ≤ 232 kΩ to ensure stability
To: The recommended 1% resistor range for RILIM is 15 kΩ ≤ RILIM ≤ 232 kΩ to ensure stability........................................ 15
•
Changed From: where 19.1 kΩ ≤ RILIM ≤ 232 kΩ. To: where 15 kΩ ≤ RILIM ≤ 232 kΩ. ........................................................ 15
•
Changed Figure 23 - Current-Limit Threshold vs RILIM ........................................................................................................ 16
•
Changed Table 2 - added rows for Current Limit of 1400 to 1700....................................................................................... 19
Changes from Revision A (December 2008) to Revision B
Page
•
Added To Features - UL Listed – File No. E169910 .............................................................................................................. 1
•
Changed Figure 17 Ttitle From: Current Limit Threshold Vs RILM ......................................................................................... 9
•
Changed Figure 18 Ttitle From: Current Limit Threshold Vs RILM ......................................................................................... 9
Changes from Original (November 2008) to Revision A
Page
•
Changed Title from: Adjustable Current-Limited Power-Distribution Switches to: Precision Adjustable Current-
Limited Power-Distribution Switches ...................................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com