Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2552DBVT
Description  TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS2552DBVT Datasheet HTML 1Page - Texas Instruments TPS2552DBVT Datasheet HTML 2Page - Texas Instruments TPS2552DBVT Datasheet HTML 3Page - Texas Instruments TPS2552DBVT Datasheet HTML 4Page - Texas Instruments TPS2552DBVT Datasheet HTML 5Page - Texas Instruments TPS2552DBVT Datasheet HTML 6Page - Texas Instruments TPS2552DBVT Datasheet HTML 7Page - Texas Instruments TPS2552DBVT Datasheet HTML 8Page - Texas Instruments TPS2552DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
1
2
3
4
5
6
OUT
FAULT
ILIM
EN
GND
IN
PAD
1
2
3
4
5
6
OUT
FAULT
ILIM
EN
GND
IN
5
TPS2552, TPS2553, TPS2552-1, TPS2553-1
www.ti.com
SLVS841F – NOVEMBER 2008 – REVISED AUGUST 2016
Product Folder Links: TPS2552 TPS2553 TPS2552-1 TPS2553-1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
TPS255x DBV Package
6-Pin SOT-23
Top View
EN = Active Low for the TPS2552
EN = Active High for the TPS2553
Add –1 to part number for latch-off version
TPS255x DRV Package
6-Pin WSON
Top View
EN = Active Low for the TPS2552
EN = Active High for the TPS2553
Add –1 to part number for latch-off version
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS2552
TPS2553
SOT-23
WSON
SOT-23
WSON
EN
3
4
—
—
I
Enable input, logic low turns on power switch
EN
—
—
3
4
I
Enable input, logic high turns on power switch
FAULT
4
3
4
3
O
Active-low open-drain output, asserted during
overcurrent, overtemperature, or reverse-voltage
conditions.
GND
2
5
2
5
—
Ground connection; connect externally to PowerPAD
ILIM
5
2
5
2
O
External resistor used to set current-limit threshold;
recommended 15 kΩ ≤ RILIM ≤ 232 kΩ.
IN
1
6
1
6
I
Input voltage; connect a 0.1 µF or greater ceramic
capacitor from IN to GND as close to the IC as
possible.
OUT
6
1
6
1
O
Power-switch output
PowerPAD™
—
PAD
—
PAD
—
Internally connected to GND; used to heat-sink the part
to the circuit board traces. Connect PowerPAD to GND
pin externally.
Add –1 for Latch-Off version
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage range on IN, OUT, EN or EN, ILIM, FAULT
–0.3
7
V
Voltage range from IN to OUT
–7
7
V
IO
Continuous output current
Internally Limited
Continuous total power dissipation
See the Thermal Information
Continuous FAULT sink current
0
25
mA
ILIM source current
0
1
mA
TJ
Maximum junction temperature
–40
150
°C
Tstg Storage temperature
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com