Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2552DBVT
Description  TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 9Page - Texas Instruments TPS2552DBVT Datasheet HTML 10Page - Texas Instruments TPS2552DBVT Datasheet HTML 11Page - Texas Instruments TPS2552DBVT Datasheet HTML 12Page - Texas Instruments TPS2552DBVT Datasheet HTML 13Page - Texas Instruments TPS2552DBVT Datasheet HTML 14Page - Texas Instruments TPS2552DBVT Datasheet HTML 15Page - Texas Instruments TPS2552DBVT Datasheet HTML 16Page - Texas Instruments TPS2552DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
IN
GND
EN
ILIM
OUT
FAULT
CS
Reverse
Voltage
Comparator
-
+
Current
Sense
(Note A)
8-ms Deglitch
Copyright © 2016, Texas Instruments Incorporated
13
TPS2552, TPS2553, TPS2552-1, TPS2553-1
www.ti.com
SLVS841F – NOVEMBER 2008 – REVISED AUGUST 2016
Product Folder Links: TPS2552 TPS2553 TPS2552-1 TPS2553-1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS255x and TPS255x-1 are current-limited, power-distribution switches using N-channel MOSFETs for
applications where short circuits or heavy capacitive loads are encountered and provide up to 1.5 A of
continuous load current. These devices allow the user to program the current-limit threshold between 75 mA and
1.7 A (typical) through an external resistor. Additional device shutdown features include overtemperature
protection and reverse-voltage protection. The device incorporates an internal charge pump and gate drive
circuitry necessary to drive the N-channel MOSFET. The charge pump supplies power to the driver circuit and
provides the necessary voltage to pull the gate of the MOSFET above the source. The charge pump operates
from input voltages as low as 2.5 V and requires little supply current. The driver controls the gate voltage of the
power switch. The driver incorporates circuitry that controls the rise and fall times of the output voltage to limit
large current and voltage surges and provides built-in soft-start functionality. There are two device families that
handle overcurrent situations differently. The TPS255x family enters constant-current mode while the TPS255x-1
family latches off when the load exceeds the current-limit threshold.
9.2 Functional Block Diagram
A.
TPS255x parts enter constant current mode during current limit condition; TPS255x-1 parts latch off
9.3 Feature Description
9.3.1 Overcurrent Conditions
The TPS255x and TPS255x-1 respond to overcurrent conditions by limiting their output current to the IOS levels
shown in Figure 23. When an overcurrent condition is detected, the device maintains a constant output current
and reduces the output voltage accordingly. Two possible overload conditions can occur.
The first condition is when a short circuit or partial short circuit is present when the device is powered-up or
enabled. The output voltage is held near zero potential with respect to ground and the TPS255x ramps the
output current to IOS. The TPS255x devices limits the current to IOS until the overload condition is removed or the
device begins to thermal cycle. The TPS255x-1 devices will limit the current to IOS until the overload condition is
removed or the internal deglitch time (7.5-ms typical) is reached and the device is turned off. The device remains
off until power is cycled or the device enable is toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com