Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS709
Description  TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 3 Page - Texas Instruments

  TPS709 Datasheet HTML 1Page - Texas Instruments TPS709 Datasheet HTML 2Page - Texas Instruments TPS709 Datasheet HTML 3Page - Texas Instruments TPS709 Datasheet HTML 4Page - Texas Instruments TPS709 Datasheet HTML 5Page - Texas Instruments TPS709 Datasheet HTML 6Page - Texas Instruments TPS709 Datasheet HTML 7Page - Texas Instruments TPS709 Datasheet HTML 8Page - Texas Instruments TPS709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
5 Pin Configuration and Functions
OUT
NC
IN
GND
EN
1
2
3
5
4
Figure 5-1. TPS709: DBV Package, 5-Pin SOT-23,
Top View
EN
NC
OUT
GND
IN
1
2
3
5
4
Figure 5-2. TPS709A: DBV Package, 5-Pin SOT-23,
Top View
EN
NC
GND
IN
OUT
1
2
3
5
4
Figure 5-3. TPS709B: DBV Package, 5-Pin SOT-23,
Top View
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
Figure 5-4. DRV Package, 6-Pin WSON, Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRV
DBV
TPS709
TPS709
TPS709A TPS709B
EN
4
3
5
5
I
Enable pin. Drive this pin high to enable the device. Drive this pin
low to put the device into low current shutdown. This pin can be
left floating to enable the device. The maximum voltage must remain
below 6.5 V.
GND
3
2
2
1
—
Ground
IN
6
1
3
2
I
Unregulated input to the device
NC
2, 5
4
4
4
—
No internal connection
OUT
1
5
1
3
O
Regulated output voltage. Connect a small 2.2-µF or greater ceramic
capacitor from this pin to ground to assure stability.
Thermal pad
—
—
—
—
The thermal pad is electrically connected to the GND node. Connect
this pad to the GND plane for improved thermal performance.
www.ti.com
TPS709
SBVS186H – MARCH 2012 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com