Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS709
Description  TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 4 Page - Texas Instruments

  TPS709 Datasheet HTML 1Page - Texas Instruments TPS709 Datasheet HTML 2Page - Texas Instruments TPS709 Datasheet HTML 3Page - Texas Instruments TPS709 Datasheet HTML 4Page - Texas Instruments TPS709 Datasheet HTML 5Page - Texas Instruments TPS709 Datasheet HTML 6Page - Texas Instruments TPS709 Datasheet HTML 7Page - Texas Instruments TPS709 Datasheet HTML 8Page - Texas Instruments TPS709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
specified at TJ = –40°C to 125°C (unless otherwise noted); all voltages are with respect to GND(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
32
V
VEN
–0.3
7
VOUT
–0.3
7
Maximum output current
IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
PDISS
See Thermal Information
Operating junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 2-kV HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 500-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
30
V
VOUT
Output voltage
1.2
6.5
V
VEN
Enable voltage
0
6.5
V
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TPS709
UNIT
DBV
DRV
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
212.1
73.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
78.5
97.0
°C/W
RθJB
Junction-to-board thermal resistance
39.5
42.6
°C/W
ψJT
Junction-to-top characterization parameter
2.86
2.9
°C/W
ψJB
Junction-to-board characterization parameter
38.7
42.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
12.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TPS709
SBVS186H – MARCH 2012 – REVISED JULY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com