Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS709
Description  TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 1 Page - Texas Instruments

  TPS709 Datasheet HTML 1Page - Texas Instruments TPS709 Datasheet HTML 2Page - Texas Instruments TPS709 Datasheet HTML 3Page - Texas Instruments TPS709 Datasheet HTML 4Page - Texas Instruments TPS709 Datasheet HTML 5Page - Texas Instruments TPS709 Datasheet HTML 6Page - Texas Instruments TPS709 Datasheet HTML 7Page - Texas Instruments TPS709 Datasheet HTML 8Page - Texas Instruments TPS709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TPS709 150-mA, 30-V, 1-µA IQ Voltage Regulators With Enable
1 Features
• Ultra-low IQ: 1 μA
• Reverse current protection
• Low ISHUTDOWN: 150 nA
• Input voltage range: 2.7 V to 30 V
• Supports 200-mA peak output
• 2% accuracy over temperature
• Available in fixed-output voltages:
1.2 V to 6.5 V
• Thermal shutdown and overcurrent protection
• Packages: SOT-23-5, WSON-6
2 Applications
• Smoke and heat detectors
• Thermostats
• Motion detectors (PIR, uWave, and so forth)
• Cordless power tools
• Appliance battery packs
• Electricity meters
• Water meters
3 Description
The TPS709 series of linear regulators are ultralow,
quiescent current devices designed for power-
sensitive applications. A precision band-gap and error
amplifier provides 2% accuracy over temperature.
Quiescent current of only 1 µA makes these
devices ideal solutions for battery-powered, always-
on systems that require very little idle-state power
dissipation. These devices have thermal-shutdown,
current-limit, and reverse-current protections for
added safety.
Shutdown mode is enabled by pulling the EN pin low.
The shutdown current in this mode goes down to
150 nA, typical.
The TPS709 series is available in WSON-6 and
SOT-23-5 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS709
SOT-23 (5)
2.90 mm × 1.60 mm
WSON (6)
2.00 mm × 2.00 mm
(1)
For all available packages, see the package option
addendum at the end of the datasheet.
Typical Application Circuit
0.5
0.8
1
1.2
1.5
1.8
2
0
5
10
15
20
25
30
35
Input Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
TPS70912
G014
GND Current vs VIN and Temperature
TPS709
SBVS186H – MARCH 2012 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com