Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS709
Description  TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS709 Datasheet HTML 6Page - Texas Instruments TPS709 Datasheet HTML 7Page - Texas Instruments TPS709 Datasheet HTML 8Page - Texas Instruments TPS709 Datasheet HTML 9Page - Texas Instruments TPS709 Datasheet HTML 10Page - Texas Instruments TPS709 Datasheet HTML 11Page - Texas Instruments TPS709 Datasheet HTML 12Page - Texas Instruments TPS709 Datasheet HTML 13Page - Texas Instruments TPS709 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
6.6 Typical Characteristics (continued)
over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(typ) + 1 V
or 2.7 V (whichever is greater), unless otherwise noted; typical values are at TJ = 25°C
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G024
Figure 6-25. TPS70933 Load Transient
(0 mA to 50 mA)
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G025
Figure 6-26. TPS70933 Load Transient
(1 mA to 150 mA)
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (10 ms / div)
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G026
Figure 6-27. TPS70933 Load Transient
(50 mA to 0 mA)
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G027
Figure 6-28. TPS70933 Load Transient
(50 mA to 150 mA)
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G028
Channel 2 = V
4 = V
I
= 10 mA
OUT
IN
OUT
Channel
Figure 6-29. TPS70912 Line Transient
(2.7 V to 3.7 V)
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G029
Channel 2 = V
4 = V
I
= 50 mA
OUT
IN
OUT
Channel
Figure 6-30. TPS70912 Line Transient
(2.7 V to 3.7 V)
TPS709
SBVS186H – MARCH 2012 – REVISED JULY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com