Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS709
Description  TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 5 Page - Texas Instruments

  TPS709 Datasheet HTML 1Page - Texas Instruments TPS709 Datasheet HTML 2Page - Texas Instruments TPS709 Datasheet HTML 3Page - Texas Instruments TPS709 Datasheet HTML 4Page - Texas Instruments TPS709 Datasheet HTML 5Page - Texas Instruments TPS709 Datasheet HTML 6Page - Texas Instruments TPS709 Datasheet HTML 7Page - Texas Instruments TPS709 Datasheet HTML 8Page - Texas Instruments TPS709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
6.5 Electrical Characteristics
at ambient temperature (TA) = –40°C to +85°C, VIN = VOUT(typ) + 1 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = 2 V,
and CIN = COUT = 2.2-μF ceramic (unless otherwise noted); typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
30
V
VOUT
Output voltage range
1.2
6.5
V
VOUT
DC output accuracy
VOUT < 3.3 V
–2%
2%
VOUT ≥ 3.3 V
–1%
1%
ΔVOUT
Line regulation
(VOUT(nom) + 1 V, 2.7 V) ≤ VIN ≤ 30 V
3
10
mV
Load regulation
VIN = VOUT(typ) + 1.5 V or 3 V (whichever is
greater), 100 µA ≤ IOUT ≤ 150 mA
20
50
VDO
Dropout voltage(1) (3)
TPS70933, IOUT = 50 mA
295
650
mV
TPS70933, IOUT = 150 mA
960
1400
TPS70950, IOUT = 50 mA
245
500
TPS70950, IOUT = 150 mA
690
1200
TPS70965, IOUT = 50 mA
180
500
TPS70965, IOUT = 150 mA
460
1000
I(CL)
Output current limit(4)
VOUT = 0.9 × VOUT(nom)
200
320
500
mA
IGND
Ground pin current
IOUT = 0 mA, VOUT ≤ 3.3 V
1.3
2.05
µA
IOUT = 0 mA, VOUT > 3.3 V
1.4
2.25
IOUT = 150 mA
350
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V, VIN = 2.7 V
150
nA
PSRR
Power-supply rejection
ratio
f = 10 Hz
80
dB
f = 100 Hz
62
f = 1 kHz
52
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, IOUT = 10 mA,
VIN = 2.7 V, VOUT = 1.2 V
190
μVRMS
tSTR
Start-up time(2)
VOUT(nom) ≤ 3.3 V
200
600
µs
VOUT(nom) > 3.3 V
500
1500
VEN(HI)
Enable pin high-level
input voltage
Device enabled
0.9
V
VEN(LOW)
Enable pin low-level input
voltage
Device disabled
0
0.4
V
IEN
EN pin current
EN = 1.0 V, VIN = 5.5 V
300
nA
I(REV)
Reverse current
(flowing out of IN pin)
VOUT = 3 V, VIN = VEN = 0 V
10
nA
Reverse current
(flowing into OUT pin)
VOUT = 3 V, VIN = VEN = 0 V
100
tSD
Thermal shutdown
temperature
Shutdown, temperature increasing
158
°C
Reset, temperature decreasing
140
(1)
VDO is measured with VIN = 0.98 × VOUT(nom).
(2)
Start-up time = time from EN assertion to 0.95 × VOUT(nom) and load = 47 Ω.
(3)
Dropout is only valid when VOUT ≥ 2.8 V because of the minimum input voltage limits.
(4)
Measured with VIN = VOUT + 3 V for VOUT ≤ 2.5 V. Measured with VIN = VOUT + 2.5 V for VOUT > 2.5 V.
www.ti.com
TPS709
SBVS186H – MARCH 2012 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com