Electronic Components Datasheet Search
  English  ▼

X  

TPS79225DBVR Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS79225DBVR
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS79225DBVR Datasheet HTML 14Page - Texas Instruments TPS79225DBVR Datasheet HTML 15Page - Texas Instruments TPS79225DBVR Datasheet HTML 16Page - Texas Instruments TPS79225DBVR Datasheet HTML 17Page - Texas Instruments TPS79225DBVR Datasheet HTML 18Page - Texas Instruments TPS79225DBVR Datasheet HTML 19Page - Texas Instruments TPS79225DBVR Datasheet HTML 20Page - Texas Instruments TPS79225DBVR Datasheet HTML 21Page - Texas Instruments TPS79225DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
6.4 Device Functional Modes
6.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
• The input voltage is at least as high as VIN(min).
• The input voltage is greater than the nominal output voltage added to the dropout voltage.
• The enable voltage is greater than VEN(min).
• The output current is less than the current limit.
• The device junction temperature is less than the maximum specified junction temperature.
6.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode of operation, the
output voltage is the same as the input voltage minus the dropout voltage. The transient performance of the
device is significantly degraded because the pass device is in the linear region and no longer controls the current
through the LDO. Line or load transients in dropout can result in large output voltage deviations.
6.4.3 Disabled
The device is disabled under the following conditions:
• The enable voltage is less than the enable falling threshold voltage or has not yet exceeded the enable rising
threshold.
• The device junction temperature is greater than the thermal shutdown temperature.
• The input voltage is less than UVLOfalling.
Table 6-1 lists the conditions that lead to the different modes of operation.
Table 6-1. Device Functional Mode Comparison
OPERATING
MODE
PARAMETER
VIN
VEN
IOUT
TJ
Normal mode
VIN > VOUT(nom) + VDO and
VIN>VIN(min)
VEN > VEN(high)
IOUT < ILIM
TJ < 125°C
Dropout mode
VIN(min) < VIN< VOUT(nom) + VDO
VEN > VEN(high)
—
TJ < 125°C
Disabled mode
(any true
condition
disables the
device)
VIN < UVLOfalling
VEN < VEN(low)
—
TJ > 165°C(1)
(1)
Approximate value for thermal shutdown
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com