Electronic Components Datasheet Search
  English  ▼

X  

TPS79225DBVR Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS79225DBVR
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS79225DBVR Datasheet HTML 22Page - Texas Instruments TPS79225DBVR Datasheet HTML 23Page - Texas Instruments TPS79225DBVR Datasheet HTML 24Page - Texas Instruments TPS79225DBVR Datasheet HTML 25Page - Texas Instruments TPS79225DBVR Datasheet HTML 26Page - Texas Instruments TPS79225DBVR Datasheet HTML 27Page - Texas Instruments TPS79225DBVR Datasheet HTML 28Page - Texas Instruments TPS79225DBVR Datasheet HTML 29Page - Texas Instruments TPS79225DBVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
8 Device and Documentation Support
8.1 Device Support
8.1.1 Development Support
8.1.1.1 Evaluation Modules
Several evaluation modules (EVMs) are available to assist in the initial circuit performance evaluation using the
TPS793:
• TPS79301EVM
• TPS793285YEQEVM
• TPS79328EVM
These EVMs can be requested at the Texas Instruments website through the device product folders or
purchased directly from the TI eStore.
8.1.1.2 Spice Models
Computer simulation of circuit performance using SPICE is often useful when analyzing the performance of
analog circuits and systems. A SPICE model for the TPS793 is available through the product folders under Tools
& Software.
8.1.2 Device Nomenclature
Table 8-1. Ordering Information
PRODUCT(1) (2)
VOUT
TPS792xxxx yyyM3 z
XX(X) is the nominal output voltage (for example, 28 = 2.8 V; 285 = 2.85 V; 01 = adjustable version).
YYY is the package designator.
M3 is a suffix designator for the devices that only use the latest manufacturing flow (CSO:RFB). Devices
without this suffix can ship with the legacy chip (CSO:DLN) or the new chip (CSO:RFB). The reel
packaging label provides CSO information to distinguish which chip is being used.
Z is the package quantity. R is for reel (3000 pieces), T is for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
Output voltages from 1.2 V to 4.8 V in 50-mV increments are available. Contact the factory for details and availability.
8.2 Documentation Support
8.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, Using New Thermal Metrics application note
• Texas Instruments, Pros and Cons of Using a Feedforward Capacitor with a Low-Dropout Regulator
application note
• Texas Instruments, TPS79301EVM, TPS79328EVM LDO Linear Regulator Evaluation Module EVM user's
guide
8.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com