Electronic Components Datasheet Search
  English  ▼

X  

TPS79225DBVR Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS79225DBVR
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS79225DBVR Datasheet HTML 21Page - Texas Instruments TPS79225DBVR Datasheet HTML 22Page - Texas Instruments TPS79225DBVR Datasheet HTML 23Page - Texas Instruments TPS79225DBVR Datasheet HTML 24Page - Texas Instruments TPS79225DBVR Datasheet HTML 25Page - Texas Instruments TPS79225DBVR Datasheet HTML 26Page - Texas Instruments TPS79225DBVR Datasheet HTML 27Page - Texas Instruments TPS79225DBVR Datasheet HTML 28Page - Texas Instruments TPS79225DBVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
J
A
D(max)
JA
T max T
P
R
q
-
=
(4)
where
• TJmax = Maximum allowable junction temperature
• RθJA = Thermal resistance, junction to ambient, for the package, see the Thermal Information table.
• TA = Ambient temperature
The regulator dissipation is calculated using the below equation.
D
I
O
O
P
(V
V ) I
=
-
´
(5)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
7.4.2 Layout Example
GND
IN
EN
OUT
FB
BYPASS
Bypass and FB Ground
Output Ground
Input Plane
Output Plane
Figure 7-7. Layout Example (DBV 6-Pin Package)
IN
Input
Output
COUT
Ground
Denotes a via to a connection made on another layer
GND
EN
OUT
NR/NC
CIN
Figure 7-8. Layout Example (DBV 5-Pin Package, New Chip)
www.ti.com
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com