Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 20Page - NXP Semiconductors LPC4088 Datasheet HTML 21Page - NXP Semiconductors LPC4088 Datasheet HTML 22Page - NXP Semiconductors LPC4088 Datasheet HTML 23Page - NXP Semiconductors LPC4088 Datasheet HTML 24Page - NXP Semiconductors LPC4088 Datasheet HTML 25Page - NXP Semiconductors LPC4088 Datasheet HTML 26Page - NXP Semiconductors LPC4088 Datasheet HTML 27Page - NXP Semiconductors LPC4088 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
P1[14]
184
A7
D8
128
89
70
C6
[3]
I; PU
I/O
P1[14] — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error (RMII/MII
interface).
-
R — Function reserved.
I
T2_CAP0 — Capture input for Timer 2, channel 0.
-
R — Function reserved.
I
CMP0_IN[0] — Comparator 0, input 0.
P1[15]
182
A8
A8
126
88
69
B6
[3]
I; PU
I/O
P1[15] — General purpose digital input/output pin.
I
ENET_RX_CLK (ENET_REF_CLK) — Ethernet Receive
Clock (MII interface) or Ethernet Reference Clock (RMII
interface).
-
R — Function reserved.
I/O
I2C2_SDA — I2C2 data input/output (this pin does not use
a specialized I2C pad).
P1[16]
180
D10
B8
125
87
-
-
[3]
I; PU
I/O
P1[16] — General purpose digital input/output pin.
O
ENET_MDC — Ethernet MIIM clock.
O
I2S_TX_MCLK — I2S transmit master clock.
-
R — Function reserved.
-
R — Function reserved.
I
CMP0_IN[1] — Comparator 0, input 1.
P1[17]
178
A9
C9
123
86
-
-
[3]
I; PU
I/O
P1[17] — General purpose digital input/output pin.
I/O
ENET_MDIO — Ethernet MIIM data input and output.
O
I2S_RX_MCLK — I2S receive master clock.
-
R — Function reserved.
-
R — Function reserved.
I
CMP0_IN[2] — Comparator 0, input 2.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com