Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC4088 Datasheet HTML 1Page - NXP Semiconductors LPC4088 Datasheet HTML 2Page - NXP Semiconductors LPC4088 Datasheet HTML 3Page - NXP Semiconductors LPC4088 Datasheet HTML 4Page - NXP Semiconductors LPC4088 Datasheet HTML 5Page - NXP Semiconductors LPC4088 Datasheet HTML 6Page - NXP Semiconductors LPC4088 Datasheet HTML 7Page - NXP Semiconductors LPC4088 Datasheet HTML 8Page - NXP Semiconductors LPC4088 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 3 — 11 January 2017
4 of 140
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
 10-bit Digital-to-Analog Converter (DAC) with dedicated conversion timer and DMA
support.
 Two analog comparators.
 Power control:
 Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep
power-down.
 The Wake-up Interrupt Controller (WIC) allows the CPU to automatically wake up
from any priority interrupt that can occur while the clocks are stopped in
Deep-sleep, Power-down, and Deep power-down modes.
 Processor wake-up from Power-down mode via any interrupt able to operate
during Power-down mode (includes external interrupts, RTC interrupt, PORT0/2
pin interrupt, and NMI).
 Brownout detect with separate threshold for interrupt and forced reset.
 On-chip Power-On Reset (POR).
 Clock generation:
 Clock output function that can reflect the main oscillator clock, IRC clock, RTC
clock, CPU clock, USB clock, or the watchdog timer clock.
 On-chip crystal oscillator with an operating range of 1 MHz to 25 MHz.
 12 MHz Internal RC oscillator (IRC) trimmed to 1 % accuracy that can optionally be
used as a system clock.
 An on-chip PLL allows CPU operation up to the maximum CPU rate without the
need for a high-frequency crystal. May be run from the main oscillator or the
internal RC oscillator.
 A second, dedicated PLL may be used for USB interface in order to allow added
flexibility for the Main PLL settings.
 Versatile pin function selection feature allows many possibilities for using on-chip
peripheral functions.
 Unique device serial number for identification purposes.
 Single 3.3 V power supply (2.4 V to 3.6 V). Temperature range of
40 C to 85 C.
 Available as LQFP208, TFBGA208, TFBGA180, LQFP144, TFBGA80, and LQFP80
package.
3.
Applications
 Communications:
 Point-of-sale terminals, web servers, multi-protocol bridges
 Industrial/Medical:
 Automation controllers, application control, robotics control, HVAC, PLC, inverters,
circuit breakers, medical scanning, security monitoring, motor drive, video intercom
 Consumer/Appliance:
 Audio, MP3 decoders, alarm systems, displays, printers, scanners, small
appliances, fitness equipment
 Automotive:
 After-market, car alarms, GPS/fleet monitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com