Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 42Page - NXP Semiconductors LPC4088 Datasheet HTML 43Page - NXP Semiconductors LPC4088 Datasheet HTML 44Page - NXP Semiconductors LPC4088 Datasheet HTML 45Page - NXP Semiconductors LPC4088 Datasheet HTML 46Page - NXP Semiconductors LPC4088 Datasheet HTML 47Page - NXP Semiconductors LPC4088 Datasheet HTML 48Page - NXP Semiconductors LPC4088 Datasheet HTML 49Page - NXP Semiconductors LPC4088 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
P4[28]
170
C11
D10
118
82
65
B7
[3]
I; PU
I/O
P4[28] — General purpose digital input/output pin.
O
EMC_BLS2 — LOW active Byte Lane select signal 2.
O
U3_TXD — Transmitter output for UART3.
O
T2_MAT0 — Match output for Timer 2, channel 0.
-
R — Function reserved.
O
LCD_VD[6] — LCD data.
O
LCD_VD[10] — LCD data.
O
LCD_VD[2] — LCD data.
P4[29]
176
B10
B9
122
85
68
A6
[3]
I; PU
I/O
P4[29] — General purpose digital input/output pin.
O
EMC_BLS3 — LOW active Byte Lane select signal 3.
I
U3_RXD — Receiver input for UART3.
O
T2_MAT1 — Match output for Timer 2, channel 1.
I/O
I2C2_SCL — I2C2 clock input/output (this pin does not
use a specialized I2C pad).
O
LCD_VD[7] — LCD data.
O
LCD_VD[11] — LCD data.
O
LCD_VD[3] — LCD data.
P4[30]
187
B7
C7
130
-
-
-
[3]
I; PU
I/O
P4[30] — General purpose digital input/output pin.
O
EMC_CS0 — LOW active Chip Select 0 signal.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
CMP0_OUT — Comparator 0, output.
P4[31]
193
A4
E7
134
-
-
-
[3]
I; PU
I/O
P4[31] — General purpose digital input/output pin.
O
EMC_CS1 — LOW active Chip Select 1 signal.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com