Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 45Page - NXP Semiconductors LPC4088 Datasheet HTML 46Page - NXP Semiconductors LPC4088 Datasheet HTML 47Page - NXP Semiconductors LPC4088 Datasheet HTML 48Page - NXP Semiconductors LPC4088 Datasheet HTML 49Page - NXP Semiconductors LPC4088 Datasheet HTML 50Page - NXP Semiconductors LPC4088 Datasheet HTML 51Page - NXP Semiconductors LPC4088 Datasheet HTML 52Page - NXP Semiconductors LPC4088 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
RTCX2
36L2
J3
2518
15
G2
[14]
[15]
O
Output from the RTC 32 kHz ultra-low power oscillator
circuit.
USB_D
2
52U1
N2
37-
-
-
[9]
I/O
USB port 2 bidirectional D
 line.
VBAT
38
M3
K1
27
19
16
H1
I
RTC power supply: 3.3 V on this pin supplies power to the
RTC.
VDD(REG)(3V3)
26,
86,
174
H4,
P11,
D11
G1,
N9, E9
18,
60,
121
13, 42,
84
34, 67
K7, C7
S
3.3 V regulator supply voltage: This is the power supply for
the on-chip voltage regulator that supplies internal logic.
VDDA
20
G4
F2
14
10
8
E3
S
Analog 3.3 V pad supply voltage: This can be connected to
the same supply as VDD(3V3) but should be isolated to
minimize noise and error. This voltage is used to power the
ADC and DAC. Tie this pin to 3.3 V if the ADC and DAC
are not used.
VDD(3V3)
15,
60,
71,
89,
112,
125,
146,
165,
181,
198
G3,
P6,
P8,
U13,
P17,
K16,
C17,
B13,
C9, D7
E2,
L4,
K8,
L11,
J14,
E12,
E10,
C5
41,
62,
77,
102,
114,
138
28, 54,
71, 96
21, 42,
56, 77
K2,
H7,
D8,
C4
S
3.3 V supply voltage: This is the power supply voltage for
I/O other than pins in the VBAT domain.
VREFP
24
K1
G2
17
12
10
E1
S
ADC positive reference voltage: This should be the same
voltage as VDDA, but should be isolated to minimize noise
and error. The voltage level on this pin is used as a
reference for ADC and DAC. Tie this pin to 3.3 V if the
ADC and DAC are not used.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com