Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC4088 Datasheet HTML 1Page - NXP Semiconductors LPC4088 Datasheet HTML 2Page - NXP Semiconductors LPC4088 Datasheet HTML 3Page - NXP Semiconductors LPC4088 Datasheet HTML 4Page - NXP Semiconductors LPC4088 Datasheet HTML 5Page - NXP Semiconductors LPC4088 Datasheet HTML 6Page - NXP Semiconductors LPC4088 Datasheet HTML 7Page - NXP Semiconductors LPC4088 Datasheet HTML 8Page - NXP Semiconductors LPC4088 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 3 — 11 January 2017
5 of 140
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC4088
LPC4088FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC4088FET208
TFBGA208
plastic thin fine-pitch ball grid array package; 208 balls; body
15
 15  0.7 mm
SOT950-1
LPC4088FET180
TFBGA180
thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4088FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4078
LPC4078FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC4078FET208
TFBGA208
plastic thin fine-pitch ball grid array package; 208 balls; body
15
 15  0.7 mm
SOT950-1
LPC4078FET180
TFBGA180
thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4078FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4078FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
 12  1.4 mm
SOT315-1
LPC4078FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
 14  1.4 mm
SOT407-1
LPC4076
LPC4076FET180
TFBGA180
thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC4076FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4074
LPC4074FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC4074FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
 12  1.4 mm
SOT315-1
LPC4072
LPC4072FET80
TFBGA80
plastic thin fine-pitch ball grid array package; 80 balls
SOT1328-1
LPC4072FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
 12  1.4 mm
SOT315-1
Table 2.
Ordering options
Type number
LPC4088
LPC4088FBD208 512
96
4032
32
yes
yes
H/O/D
2
5
yes
yes
yes
yes
LQFP208
LPC4088FET208 512
96
4032
32
yes
yes
H/O/D
2
5
yes
yes
yes
yes
TFBGA208
LPC4088FET180 512
96
4032
16
yes
yes
H/O/D
2
5
yes
yes
yes
yes
TFBGA180
LPC4088FBD144 512
96
4032
8
yes
yes
H/O/D
2
5
yes
yes
yes
yes
LQFP144
LPC4078
LPC4078FBD208 512
96
4032
32
no
yes
H/O/D
2
5
yes
yes
yes
yes
LQFP208
LPC4078FET208 512
96
4032
32
no
yes
H/O/D
2
5
yes
yes
yes
yes
TFBGA208
LPC4078FET180 512
96
4032
16
no
yes
H/O/D
2
5
yes
yes
yes
yes
TFBGA180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com