Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064I Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB1064I
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064I Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1064I Datasheet HTML 16Page - Texas Instruments TUSB1064I Datasheet HTML 17Page - Texas Instruments TUSB1064I Datasheet HTML 18Page - Texas Instruments TUSB1064I Datasheet HTML 19Page - Texas Instruments TUSB1064I Datasheet HTML 20Page - Texas Instruments TUSB1064I Datasheet HTML 21Page - Texas Instruments TUSB1064I Datasheet HTML 22Page - Texas Instruments TUSB1064I Datasheet HTML 23Page - Texas Instruments TUSB1064I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.4.2 Device Configuration In I2C Mode
The TUSB1064 is in I2C mode when I2C_EN is not equal to “0”. The same configurations defined in GPIO mode
are also available in I2C mode. The TUSB1064 USB3.1 and DisplayPort configuration is controlled based on
Table 5. The AUXp or AUXn to SBU1 or SBU2 mapping control is based on Table 6.
Table 5. I2C Configuration Control
REGISTERS
CONFIGURATION
VESA DisplayPort ALT MODE
UFP_D CONFIGURATION
CTLSEL1
CTLSEL0
FLIPSEL
0
0
0
Power Down
—
0
0
1
Power Down
—
0
1
0
One Port USB 3.1 - No Flip
—
0
1
1
One Port USB 3.1 – With Flip
—
1
0
0
4 Lane DP - No Flip
C
1
0
1
4 Lane DP – With Flip
C
1
1
0
One Port USB 3.1 + 2 Lane DP- No Flip
D
1
1
1
One Port USB 3.1 + 2 Lane DP– With Flip
D
Table 6. I2C AUXp or AUXn to SBU1 or SBU2 Mapping
REGISTERS
MAPPING
AUX_SBU_OVR
CTLSEL1
FLIPSEL
00
1
0
SBU1
→ AUXn
SBU2
→ AUXp
00
1
1
SBU2
→ AUXn
SBU1
→ AUXp
00
0
X
Open
01
X
X
SBU1
→ AUXn
SBU2
→ AUXp
10
X
X
SBU2
→ AUXn
SBU1
→ AUXp
11
X
X
Open
8.4.3 DisplayPort Mode
The TUSB1064 supports up to four DisplayPort lanes at datarates up to 8.1 Gbps. TUSB1064 can be enabled for
DisplayPort through GPIO control pin CTL1 or through I2C register CTLSEL1. When I2C_EN is ‘0’, DisplayPort is
controlled based on Table 2. When not in GPIO mode, DisplayPort functionality is controlled through I2C
registers. Data transfer through the DisplayPort lanes is further controlled by the HPDIN pin. DisplayPort needs
to be enabled using CTL1 pin or CTLSEL1 register and also HPDIN needs to be pulled high for the DisplayPort
data trasfer to be enabled through the DisplayPort lanes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com